Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 36 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 36 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 32Page - SMSC Corporation COM20022ITQFP Datasheet HTML 33Page - SMSC Corporation COM20022ITQFP Datasheet HTML 34Page - SMSC Corporation COM20022ITQFP Datasheet HTML 35Page - SMSC Corporation COM20022ITQFP Datasheet HTML 36Page - SMSC Corporation COM20022ITQFP Datasheet HTML 37Page - SMSC Corporation COM20022ITQFP Datasheet HTML 38Page - SMSC Corporation COM20022ITQFP Datasheet HTML 39Page - SMSC Corporation COM20022ITQFP Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 36
SMSC COM20022I
DATASHEET
6.2.10 Configuration Register
The Configuration Register is a read/write register which is used to configure the different modes of the
COM20022I. The Configuration Register defaults to the value 0001 1000 upon hardware reset only.
SUBAD0 and SUBAD1 point to the selection in Register 7.
6.2.11 Sub-Address Register
The sub-address register is new to the COM20022I, previously a reserved register. Bits 2, 1 and 0 are used
to select one of the registers assigned to address 7h. SUBAD1 and SUBAD0. They are exactly same as
those in the Configuration register. If the SUBAD1 and SUBAD0 bits in the Configuration register are
changed, the SUBAD1and SUBAD0 in the Sub-Address register are also changed. SUBAD2 is a new sub-
address bit. It Is used to access the 3 new Set Up registers, SETUP2, BUS CONTROL and DMA COUNT.
These registers are selected by setting SUBAD2=1. The SUBAD2 bit is cleared automatically by writing
the Configuration register.
Write Bits[7:3] to ‘0’ for proper operation.
6.2.12 Setup 1 Register
The Setup 1 Register is a read/write 8-bit register accessed when the Sub Address Bits are set up
accordingly (see the bit definitions of the Configuration Register). The Setup 1 Register allows the user to
change the network speed (data rate) or the arbitration speed independently, invoke the Receive All feature
and change the nPULSE1 driver type. The data rate may be slowed to 156.25Kbps and/or the arbitration
speed may be slowed by a factor of two. The Setup 1 Register defaults to the value 0000 0000 upon
hardware reset only.
6.2.13 Setup 2 Register
The Setup 2 Register is new to the COM20022I. It is an 8-bit read/write register accessed when the Sub
Address Bits SUBAD[2:0] are set up accordingly (see the bit definitions of the Sub Address Register). This
register contains bits for various functions. The CKUP1,0 bits select the clock to be generated from the 20
MHz crystal. The RBUSTMG bit is used to Disable/Enable Fast Read function for High Speed CPU bus
support. The EF bit is used to enable the new timing for certain functions in the COM20022I (if EF = 0, the
timing is the same as in the COM20020 Rev. B). See Appendix “A”. The NOSYNC bit is used to enable
the NOSYNC function during initialization. If this bit is reset, the line has to be idle for the RAM
initialization sequence to be written. If set, the line does not have to be idle for the initialization sequence
to be written. See Appendix “A”.
The RCNTM[1,0] bits are used to set the time-out period of the recon timer. Programming this timer for
shorter time periods has the benefit of shortened network reconfiguration periods. The time periods shown
in the table on the following page are limited by a maximum number of nodes in the network. These time-
out period values are for 10Mbps. For other data rates, scale the time-out period time values accordingly;
the maximum node count remains the same.
RCNTM1
RCNTM0
TIME-OUT PERIOD
MAX NODE COUNT
0
0
210 mS
Up to 255 nodes
0
1
52.5 mS
Up to 64 nodes
1
0
26.25 mS
Up to 32 nodes
1
1
13.125 mS*
Up to 16 nodes (Note 6.1)
Note 6.1
The node ID value 255 must exist in the network for the 13.125 mS time-out to be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com