Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022ITQFP Datasheet(PDF) 28 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 28 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 24Page - SMSC Corporation COM20022ITQFP Datasheet HTML 25Page - SMSC Corporation COM20022ITQFP Datasheet HTML 26Page - SMSC Corporation COM20022ITQFP Datasheet HTML 27Page - SMSC Corporation COM20022ITQFP Datasheet HTML 28Page - SMSC Corporation COM20022ITQFP Datasheet HTML 29Page - SMSC Corporation COM20022ITQFP Datasheet HTML 30Page - SMSC Corporation COM20022ITQFP Datasheet HTML 31Page - SMSC Corporation COM20022ITQFP Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 28
SMSC COM20022I
DATASHEET
Figure 5.8
- COM20022I Network Using RS-485 Differential Transceivers
Figure 5.9
- Dipulse Waveform for Data of 1-1-0
In typical applications, the serial backplane is terminated at both ends and a bias is provided by the
external pull-up resistor.
The RXIN signal is directly connected to the cable via an internal Schmitt trigger. A negative pulse on this
input indicates a logic "1". Lack of pulse indicates a logic "0". For typical single-ended backplane
applications, RXIN is connected to nPULSE1 to make the serial backplane data line. A ground line (from
the coax or twisted pair) should run in parallel with the signal. For applications requiring different treatment
of the receive signal (like filtering or squelching), nPULSE1 and RXIN remain as independent pins.
External differential drivers/receivers for increased range and common mode noise rejection, for example,
would require the signals to be independent of one another. When the device is in Backplane Mode, the
clock provided by the nPULSE2 signal may be used for encoding the data into a different encoding
scheme or other synchronous operations needed on the serial data stream.
20MHZ
CLOCK
(FOR REF.
ONLY)
nPULSE1
nPULSE2
DIPULSE
RXIN
10
100ns
100ns
200ns
400ns
1
COM20022I
COM20022I
COM20022I
+VCC
RBIAS
+VCC
+VCC
RBIAS
RBIAS
RT
RT
75176B or
Equiv.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com