Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 179 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 179 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 175Page - Texas Instruments OMAP3530ECBB Datasheet HTML 176Page - Texas Instruments OMAP3530ECBB Datasheet HTML 177Page - Texas Instruments OMAP3530ECBB Datasheet HTML 178Page - Texas Instruments OMAP3530ECBB Datasheet HTML 179Page - Texas Instruments OMAP3530ECBB Datasheet HTML 180Page - Texas Instruments OMAP3530ECBB Datasheet HTML 181Page - Texas Instruments OMAP3530ECBB Datasheet HTML 182Page - Texas Instruments OMAP3530ECBB Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 265 page
background image
sdrc_d0
sdrc_d7
sdrc_dm0
sdrc_dqs0
sdrc_d8
sdrc_d15
sdrc_dm1
sdrc_dqs1
sdrc_d16
sdrc_d23
sdrc_dm2
sdrc_dqs2
sdrc_d24
sdrc_d31
sdrc_dm3
sdrc_dqs3
sdrc_ba0
sdrc_ba1
sdrc_a0
sdrc_a14
sdrc_ncs0
sdrc_ncas
sdrc_nras
sdrc_nwe
sdrc_cke0
sdrc_clk
sdrc_nclk
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
BA0
BA1
A0
A14
CS
CAS
RAS
WE
CKE
CK
CK
T
T
T
T
T
T
T
T
OMAP35x
DQ0
DQ7
DM0
DQS0
DQ8
DQ15
DM1
DQS1
LPDDR
DQ16
DQ23
DM2
DQS2
DQ24
DQ31
DM3
DQS3
N/C
N/C
sdrc_ncs1
sdrc_cke1
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Figure 6-18. OMAP35x LPDDR High Level Schematic (x32 memory)
6.4.2.2.2 Compatible JEDEC LPDDR Devices
Table 6-13 shows the parameters of the JEDEC LPDDR devices that are compatible with this interface.
Generally, the LPDDR interface is compatible with x16 and x32 LPDDR266 and LPDDR333 speed grade
LPDDR devices.
Table 6-13. Compatible JEDEC LPDDR Devices
NO.
PARAMETER
MIN
MAX
UNIT
NOTES
JEDEC LPDDR Device Speed
1
LPDDR-266
See Note (1)
Grade
2
JEDEC LPDDR Device Bit Width
16
32
Bits
3
JEDEC LPDDR Device Count
1
2
Devices
See Note (2)
JEDEC LPDDR Device Ball
4
60
90
Balls
Count
(1)
Higher LPDDR speed grades are supported due to inherent JEDEC LPDDR backwards compatibility.
(2)
1 x16 LPDDR device is used for 16 bit LPDDR memory system. 1x32 or 2x16 LPDDR devices are used for a 32-bit LPDDR memory
system.
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
179
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com