Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 183 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 183 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 179Page - Texas Instruments OMAP3530ECBB Datasheet HTML 180Page - Texas Instruments OMAP3530ECBB Datasheet HTML 181Page - Texas Instruments OMAP3530ECBB Datasheet HTML 182Page - Texas Instruments OMAP3530ECBB Datasheet HTML 183Page - Texas Instruments OMAP3530ECBB Datasheet HTML 184Page - Texas Instruments OMAP3530ECBB Datasheet HTML 185Page - Texas Instruments OMAP3530ECBB Datasheet HTML 186Page - Texas Instruments OMAP3530ECBB Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 265 page
background image
A1
A1
A
T
OMAP
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-19. LPDDR Signal Terminations
NO.
PARAMETER
MIN
TYP
MAX
UNIT
NOTES
1
CK Net Class
0
10
Ω
See Note(1)
2
ADDR_CTRL Net Class
0
22
Zo
Ω
See Notes(1),(2),(3)
Data Byte Net Classes
3
0
22
Zo
Ω
See Notes(1),(2),(3)
(DQS0-DQS3, DQ0-DQ3)
(1)
Only series termination is permitted, parallel or SST specifically disallowed.
(2)
Terminator values larger than typical only recommended to address EMI issues.
(3)
Termination value should be uniform across net class.
6.4.2.7
LPDDR CK and ADDR_CTRL Routing
Figure 6-21 shows the topology of the routing for the CK and ADDR_CTRL net classes. The route is a
balanced T as it is intended that the length of segments B and C be equal. In addition, the length of A
should be maximized.
Figure 6-21. CK and ADDR_CTRL Routing and Topology
Table 6-20. CK and ADDR_CTRL Routing Specification
NO.
PARAMETER
MIN
TYP
MAX
UNIT
NOTES
1
Center to Center CK-CK spacing
2w
2
CK A to B/A to C Skew Length Mismatch
25
Mils
See Note(1)
3
CK B to C Skew Length Mismatch
25
Mils
Center to Center CK to other
4
4w
See Note(2)
LPDDR trace spacing
5
CK/ADDR_CTRL nominal trace length
CACLM-50
CACLM
CACLM+50
Mils
See Note(3)
6
ADDR_CTRL to CK Skew Length Mismatch
100
Mils
ADDR_CTRL to ADDR_CTRL
7
100
Mils
Skew Length Mismatch
Center to Center ADDR_CTRL to other
8
4w
See Note(2)
LPDDR trace 4w spacing
Center to Center ADDR_CTRL to other
9
3w
See Note(2)
ADDR_CTRL 3w trace spacing
ADDR_CTRL A to B/A to C Skew Length
10
100
Mils
See Note(1)
Mismatch
11
ADDR_CTRL B to C Skew Length Mismatch
100
Mils
(1)
Series terminator, if used, should be located closest to device.
(2)
Center to center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(3)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes.
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
183
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com