Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 185 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 185 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 181Page - Texas Instruments OMAP3530ECBB Datasheet HTML 182Page - Texas Instruments OMAP3530ECBB Datasheet HTML 183Page - Texas Instruments OMAP3530ECBB Datasheet HTML 184Page - Texas Instruments OMAP3530ECBB Datasheet HTML 185Page - Texas Instruments OMAP3530ECBB Datasheet HTML 186Page - Texas Instruments OMAP3530ECBB Datasheet HTML 187Page - Texas Instruments OMAP3530ECBB Datasheet HTML 188Page - Texas Instruments OMAP3530ECBB Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
6.5
Video Interfaces
6.5.1
Camera Interface
The camera subsystem provides the system interfaces and the processing capability to connect supported
YCbCr Interfaces to the OMAP3530/25 device. The camera subsystem supports up to two simultaneous
pixel flows but only one of them can use supported video processing hardware:
•
PARALLEL: the parallel interface data must go through the video processing hardware.
6.5.1.1
Parallel Camera Interface Timing
The parallel camera interface is a 12-bit interface which can be used in two modes:
1. SYNC mode: progressive and interlaced image sensor modules for 8-, 10-, 11-, and 12-bit data. The
pixel clock can be up to 75 MHz in 12-bit mode. The pixel clock can be up to 130 MHz in 8-bit packed
mode.
2. ITU mode provides an ITU-R BT 656 compatible data stream with progressive image sensor modules
only in 8- and 10-bit configurations. The pixel clock can be up to 75 MHz.
6.5.1.1.1 SYNC Normal Mode
6.5.1.1.1.1 12-Bit SYNC Normal – Progressive Mode
Table 6-23 and Table 6-24 assume testing over the recommended operating conditions and electrical
chaDSI Timing Conditionsracteristic conditions (see Figure 6-23).
Table 6-22. ISP Timing Conditions – 12-Bit SYNC Normal – Progressive Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2.7
ns
tF
Input signal fall time
2.7
ns
Output Condition
CLOAD
Output load capacitance
8.6
pF
Table 6-23. ISP Timing Requirements – 12-Bit SYNC Normal – Progressive Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
ISP17
tc(pclk)
Cycle time(2), cam_pclk period
13.3
22.2
ns
ISP18
tW(pclkH)
Typical pulse duration, cam_pclk high
0.5*P(3)
0.5*P(3)
ns
ISP18
tW(pclkL)
Typical pulse duration, cam_pclk low
0.5*P(3)
0.5*P(3)
ns
tdc(pclk)
Duty cycle error, cam_pclk
667
1111
ps
tj(pclk)
Cycle jitter(4), cam_pclk
133
200
ps
ISP19
tsu(dV-pclkH)
Setup time, cam_d[11:0] valid before cam_pclk rising
1.82
3.25
ns
edge
ISP20
th(pclkH-dV)
Hold time, cam_d[11:0] valid after cam_pclk rising
1.82
3.25
ns
edge
ISP21
tsu(dV-vsH)
Setup time, cam_vs valid before cam_pclk rising
1.82
3.25
ns
edge
ISP22
th(pclkH-vsV)
Hold time, cam_vs valid after cam_pclk rising edge
1.82
3.25
ns
ISP23
tsu(dV-hsH)
Setup time, cam_hs valid before cam_pclk rising
1.82
3.25
ns
edge
(1)
The timing requirements are assured for the cycle jitter and duty cycle error conditions specified.
(2)
Related with the input maximum frequency supported by the ISP module.
(3)
P = cam_pclk period in ns
(4)
Maximum cycle jitter supported by cam_pclk input clock.
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
185
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com