Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 186 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 186 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 182Page - Texas Instruments OMAP3530ECBB Datasheet HTML 183Page - Texas Instruments OMAP3530ECBB Datasheet HTML 184Page - Texas Instruments OMAP3530ECBB Datasheet HTML 185Page - Texas Instruments OMAP3530ECBB Datasheet HTML 186Page - Texas Instruments OMAP3530ECBB Datasheet HTML 187Page - Texas Instruments OMAP3530ECBB Datasheet HTML 188Page - Texas Instruments OMAP3530ECBB Datasheet HTML 189Page - Texas Instruments OMAP3530ECBB Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-23. ISP Timing Requirements – 12-Bit SYNC Normal – Progressive Mode(1) (continued)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
ISP24
th(pclkH-hsV)
Hold time, cam_hs valid after cam_pclk rising edge
1.82
3.25
ns
ISP25
tsu(dV-hsH)
Setup time, cam_wen valid before cam_pclk rising
1.82
3.25
ns
edge
ISP26
th(pclkH-hsV)
Hold time, cam_wen valid after cam_pclk rising edge
1.82
3.25
ns
Table 6-24. ISP Switching Characteristics – 12-Bit SYNC Normal – Progressive Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
ISP15
tc(xclk)
Cycle time(1), cam_xclk period
4.6
4.6
ns
ISP16
tW(xclkH)
Typical pulse duration, cam_xclk high
0.5*PO(2)
0.5*PO(2)
ns
ISP16
tW(xclkL)
Typical pulse duration, cam_xclk low
0.5*PO(2)
0.5*PO(2)
ns
tdc(xclk)
Duty cycle error, cam_xclk
231
231
ps
tj(xclk)
Jitter standard deviation(3), cam_xclk
33
33
ps
tR(xclk)
Rise time, cam_xclk
0.93
0.93
ns
tF(xclk)
Fall time, cam_xclk
0.93
0.93
ns
(1)
Related with the cam_xclk maximum and minimum frequencies programmable in the ISP module.
Warning: The camera sensor or the camera module must be disabled to change the frequency configuration. For more information, see
the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98]
(2)
PO = cam_xclk period in ns
(3)
The jitter probability density can be approximated by a Gaussian function.
186
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com