Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 180 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 180 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 176Page - Texas Instruments OMAP3530ECBB Datasheet HTML 177Page - Texas Instruments OMAP3530ECBB Datasheet HTML 178Page - Texas Instruments OMAP3530ECBB Datasheet HTML 179Page - Texas Instruments OMAP3530ECBB Datasheet HTML 180Page - Texas Instruments OMAP3530ECBB Datasheet HTML 181Page - Texas Instruments OMAP3530ECBB Datasheet HTML 182Page - Texas Instruments OMAP3530ECBB Datasheet HTML 183Page - Texas Instruments OMAP3530ECBB Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
6.4.2.2.3 PCB Stackup
The minimum stackup required for routing the OMAP35x is a six layer stack as shown in Table 6-14.
Additional layers may be added to the PCB stack up to accommodate other circuity or to reduce the size
of the PCB footprint.
Table 6-14. OMAP35x Minimum PCB Stack Up
LAYER
TYPE
DESCRIPTION
1
Signal
Top Routing Mostly Horizontal
2
Plane
Ground
3
Plane
Power
4
Signal
Internal Routing
5
Plane
Ground
6
Signal
Bottom Routing Mostly Vertical
Table 6-15. PCB Stack Up Specifications
NO.
PARAMETER
MIN
TYP
MAX
UNIT
NOTES
1
PCB Routing/Plane Layers
6
2
Signal Routing Layers
3
3
Full ground layers under LPDDR routing region
2
4
Number of ground plane cuts allowed within LPDDR routing region
0
Number of ground reference planes required for each LPDDR routing 1
5
1
layer
Number of layers between LPDDR routing layer and reference ground 0
6
0
plane
7
PCB Routing Feature Size
4
Mils
8
PCB Trace Width w
4
Mils
9
PCB BGA escape via pad size
18
Mils
10
PCB BGA escape via hole size
8
Mils
11
Device BGA Pad Size
See Note(1)
12
LPDDR Device BGA Pad Size
See Note(2)
13
Single Ended Impedance, ZO
50
75
Ω
14
Impedance Control
Z-5
Z
Z + 5
Ω
See Note(3)
(1)
Please see the Flip Chip Ball Grid Array Package Reference Guide (literature number SPRU811) for device BGA pad size.
(2)
Please see the LPDDR device manufacturer documentation for the LPDDR device BGA pad size.
(3)
Z is the nominal singled ended impedance selected for the PCB specified by item 12.
6.4.2.3
Placement
Figure 6-19 shows the required placement for the OMAP35x device as well as the LPDDR devices. The
dimensions for Figure 6-19 are defined in Table 6-16. The placement does not restrict the side of the PCB
that the devices are mounted on. The ultimate purpose of the placement is to limit the maximum trace
lengths and allow for proper routing space. For 1x16 and 1x32 LPDDR memory systems, the second
LPDDR device is omitted from the placement.
180
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com