Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 217 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 217 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 213Page - Texas Instruments OMAP3530ECBB Datasheet HTML 214Page - Texas Instruments OMAP3530ECBB Datasheet HTML 215Page - Texas Instruments OMAP3530ECBB Datasheet HTML 216Page - Texas Instruments OMAP3530ECBB Datasheet HTML 217Page - Texas Instruments OMAP3530ECBB Datasheet HTML 218Page - Texas Instruments OMAP3530ECBB Datasheet HTML 219Page - Texas Instruments OMAP3530ECBB Datasheet HTML 220Page - Texas Instruments OMAP3530ECBB Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 265 page
background image
mmx_txen_n
mmx_txdat
mmx_txse0
mmx_rxdp
mmx_rxdm
mmx_rxrcv
FSU5
FSU6
FSU7
FSU1
FSU1
FSU2
FSU2
FSU3
FSU4
FSU8
FSU9
Transmit
Receive
030-080
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
In mmx, x is equal to 0, 1, or 2.
Figure 6-43. Low-/Full-Speed USB – Unidirectional Standard 6-pin Mode
6.6.3.2
Multiport Full-Speed Universal Serial Bus (USB) – Bidirectional Standard 4-pin Mode
Table 6-81 and Table 6-82 assume testing over the recommended operating conditions (see Figure 6-44).
Table 6-80. Low-/Full-Speed USB Timing Conditions – Bidirectional Standard 4-pin Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2.0
ns
tF
Input signal fall time
2.0
ns
Output Conditions
CLOAD
Output load capacitance
15.0
pF
Table 6-81. Low-/Full-Speed USB Timing Requirements – Bidirectional Standard 4-pin Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSU10
td(DAT,SE0)
Time duration, mmx_txdat and mmx_txse0 low together
14.0
14.0
ns
during transition
FSU11
td(DAT,SE0)
Time duration, mmx_txdat and mmx_txse0 high together
8.0
8.0
ns
during transition
FSU12
td(RCVU0)
Time duration, mmx_rrxcv undefine during a single end 0
14.0
14.0
ns
(mmx_txdat and mmx_txse0 low together)
FSU13
td(RCVU1)
Time duration, mmx_rxrcv undefine during a single end 1
8.0
8.0
ns
(mmx_txdat and mmx_txse0 high together)
Table 6-82. Low-/Full-Speed USB Switching Characteristics – Bidirectional Standard 4-pin Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSU14
td(TXENL-DATV)
Delay time, mmx_txen_n low to mmx_txdat valid
81.8
84.8
81.8
84.8
ns
FSU15
td(TXENL-SE0V)
Delay time, mmx_txen_n low to mmx_txse0 valid
81.8
84.8
81.8
84.8
ns
FSU16
ts(DAT-SE0)
Skew between mmx_txdat and mmx_txse0
1.5
1.5
ns
transition
FSU17
td(DATV-TXENH)
Delay time, mmx_txdat invalid before mmx_txen_n
81.8
81.8
ns
high
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
217
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com