Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 219 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 219 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 215Page - Texas Instruments OMAP3530ECBB Datasheet HTML 216Page - Texas Instruments OMAP3530ECBB Datasheet HTML 217Page - Texas Instruments OMAP3530ECBB Datasheet HTML 218Page - Texas Instruments OMAP3530ECBB Datasheet HTML 219Page - Texas Instruments OMAP3530ECBB Datasheet HTML 220Page - Texas Instruments OMAP3530ECBB Datasheet HTML 221Page - Texas Instruments OMAP3530ECBB Datasheet HTML 222Page - Texas Instruments OMAP3530ECBB Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 265 page
background image
mmx_txen_n
mmx_txdat
mmx_txse0
FSU23
FSU21
FSU22
FSU19
FSU19
FSU20
FSU20
FSU24
FSU25
Transmit
Receive
030-082
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-85. Low-/Full-Speed USB Switching Characteristics – Bidirectional Standard 3-pin Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSU21
td(TXENL-DATV)
Delay time, mmx_txen_n low to mmx_txdat valid
81.8
84.8
81.8
84.8
ns
FSU22
td(TXENL-SE0V)
Delay time, mmx_txen_n low to mmx_txse0 valid
81.8
84.8
81.8
84.8
ns
FSU23
ts(DAT-SE0)
Skew between mmx_txdat and mmx_txse0
1.5
1.5
ns
transition
FSU24
td(DATI-TXENH)
Delay time, mmx_txdat invalid to mmx_txen_n
81.8
81.8
ns
high
FSU25
td(SE0I-TXENH)
Delay time, mmx_txse0 invalid to mmx_txen_n
81.8
81.8
ns
high
tR(do)
Rise time, mmx_txen_n
4.0
4.0
ns
tF(do)
Fall time, mmx_txen_n
4.0
4.0
ns
tR(do)
Rise time, mmx_txdat
4.0
4.0
ns
tF(do)
Fall time, mmx_txdat
4.0
4.0
ns
tR(do)
Rise time, mmx_txse0
4.0
4.0
ns
tF(do)
Fall time, mmx_txse0
4.0
4.0
ns
In mmx, x is equal to 0, 1, or 2.
Figure 6-45. Low-/Full-Speed USB – Bidirectional Standard 3-pin Mode
6.6.3.4
Multiport Full-Speed Universal Serial Bus (USB) – Unidirectional TLL 6-pin Mode
Table 6-87 and Table 6-88 assume testing over the recommended operating conditions (see Figure 6-46).
Table 6-86. Low-/Full-Speed USB Timing Conditions – Unidirectional TLL 6-pin Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2
ns
tF
Input signal fall time
2
ns
Output Conditions
CLOAD
Output load capacitance
15
pF
Table 6-87. Low-/Full-Speed USB Timing Requirements – Unidirectional TLL 6-pin Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSUT1
td(SE0,DAT)
Time duration, mmx_txse0 and mmx_txdat low
14
14
ns
together during transition
FSUT2
td(SE0,DAT)
Time duration, mmx_txse0 and mmx_txdat high
8
8
ns
together during transition
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
219
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com