Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 220 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 220 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 216Page - Texas Instruments OMAP3530ECBB Datasheet HTML 217Page - Texas Instruments OMAP3530ECBB Datasheet HTML 218Page - Texas Instruments OMAP3530ECBB Datasheet HTML 219Page - Texas Instruments OMAP3530ECBB Datasheet HTML 220Page - Texas Instruments OMAP3530ECBB Datasheet HTML 221Page - Texas Instruments OMAP3530ECBB Datasheet HTML 222Page - Texas Instruments OMAP3530ECBB Datasheet HTML 223Page - Texas Instruments OMAP3530ECBB Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 265 page
background image
mmx_txen_n
mmx_txdat
mmx_txse0
mmx_rxdp
mmx_rxdm
mmx_rxrcv
FSUT3
FSUT5
FSUT4
FSUT6
FSUT7
FSUT8
FSUT1
FSUT1
FSUT2
FSUT2
Transmit
Receive
030-083
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-88. Low-/Full-Speed USB Switching Characteristics – Unidirectional TLL 6-pin Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
FSUT3
td(TXENH-DPV)
Delay time, mmx_txen_n high to mmx_rxdp valid
81.8
84.8
81.8
84.8
ns
FSUT4
td(TXENH-DMV)
Delay time, mmx_txen_n high to mmx_rxdm valid
81.8
84.8
81.8
84.8
ns
FSUT5
td(DPI-TXENL)
Delay time, mmx_rxdp invalid mmx_txen_n low
81.8
81.8
ns
FSUT6
td(DMI-TXENL)
Delay time, mmx_rxdm invalid mmx_txen_n low
81.8
81.8
ns
FSUT7
ts(DP-DM)
Skew between mmx_rxdp and mmx_rxdm
1.5
1.5
ns
transition
FSUT8
ts(DP,DM-RCV)
Skew between mmx_rxdp, mmx_rxdm, and
1.5
1.5
ns
mmx_rxrcv transition
tR(rxrcv)
Rise time, mmx_rxrcv
4
4
ns
tF(rxrcv)
Fall time, mmx_rxrcv
4
4
ns
tR(dp)
Rise time, mmx_rxdp
4
4
ns
tF(dp)
Fall time, mmx_rxdp
4
4
ns
tR(dm)
Rise time, mmx_rxdm
4
4
ns
tF(dm)
Fall time, mmx_rxdm
4
4
ns
In mmx, x is equal to 0, 1, or 2.
Figure 6-46. Low-/Full-Speed USB – Unidirectional TLL 6-pin Mode
6.6.3.5
Multiport Full-Speed Universal Serial Bus (USB) – Bidirectional TLL 4-pin Mode
Table 6-90 and Table 6-91 assume testing over the recommended operating conditions (see Figure 6-47).
Table 6-89. Low-/Full-Speed USB Timing Conditions – Bidirectional TLL 4-pin Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2
ns
tF
Input signal fall time
2
ns
Output Conditions
CLOAD
Output load capacitance
15
pF
220
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com