Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 125 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 121Page - Texas Instruments OMAP3530ECBB Datasheet HTML 122Page - Texas Instruments OMAP3530ECBB Datasheet HTML 123Page - Texas Instruments OMAP3530ECBB Datasheet HTML 124Page - Texas Instruments OMAP3530ECBB Datasheet HTML 125Page - Texas Instruments OMAP3530ECBB Datasheet HTML 126Page - Texas Instruments OMAP3530ECBB Datasheet HTML 127Page - Texas Instruments OMAP3530ECBB Datasheet HTML 128Page - Texas Instruments OMAP3530ECBB Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
3.4
DC Electrical Characteristics
Table 3-4 summarizes the dc electrical characteristics.
Table 3-4. DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
LVCMOS Pin Buffers - CBB: N28, M27, N27, N26, N25, P28,P27, P26, R27, R25/ CBC: N19, L18, M19, M18, K18, N20, M20, P17, P18,
P19/ CUS: M23, L23, M22, M21, M20, N23
VIH
High-level input voltage
vdds(1) = 1.8 V
0.65 × vdds(1)
vdds + 0.3
V
vdds(1) = 3.0 V
0.625 ×
vdds + 0.3
vdds(1)
VIL
Low-level input voltage
vdds(1) = 1.8 V
–0.3
0.35 × vdds
V
vdds(1) = 3.0 V
–0.3
0.25 × vdds
VOH
High-level output voltage(2)
vdds(1) = 1.8 V
vdds(1) – 0.2
V
vdds(1) = 3.0 V
0.75 × vdds(1)
VOL
Low-level output voltage(2)
vdds(1) = 1.8 V
0.2
V
vdds(1) = 3.0 V
0.125 ×
vdds(1)
tT
Input transition time (rise time, tR or fall time,
Normal Mode
10
ns
tF evaluated between 10% and 90% at PAD)
High-Speed
3
Mode
LVDS/CMOS Pin Buffers - CBB: AG19, AH19, AG18, AH18, AG17, AH17/ CBC: AE16, AE15, AD17, AE18, AD16, AE17/ CUS: AB18,
AC18
Low-Power Receiver (LP-RX)
VIL
Low-level input threshold
500
mV
VIH
High-level input threshold
800
mV
VHYS
Input hysteresis
25
mV
Ultralow-Power Receiver (ULP-RX)
VIL-ULPM
Low-level input threshold, ULPM
300
mV
VIH
High-level input threshold
880
mV
High-Speed Receiver (HS-RX)
VIDTH
Differential input high threshold
70
mV
VIDTL
Differential input low threshold
–70
mV
VIDMAX
Maximum differential input voltage
270
mV
VILHS
Single-ended input low voltage
–40
mV
VIHHS
Single-ended input high voltage
460
mV
VCMRXDC
Common-mode voltage
70
330
mV
LVDS/CMOS Pin Buffers - CBB: K28, L28, K27, L27/ CBC: P25, P26, N25, N26 / CUS: L24, K24, J23, K23
VCM
Input common mode voltage range
600
900
1200
mV
Vos
Receiver Input dc offset
–20
20
mV
Vid
Receiver input differential amplitude
70
100
200
mV(3)
tT
Input transition time (rise time, tR or fall time, tF evaluated
267
533
ps
between 10% and 90% at PAD)
LVDS/CMOS Pin Buffers - CBB: AG22, AH22, AG23, AH23, AG24, AH24/ CBC: AE21, AE22, AE23, AE24, AD23, AD24 / CUS: AC19,
AB19, AD20, AC20, AD21, AC21
High-Speed Transceiver (HS-TX)
VOHHS
HS output high voltage
360
mV
|VOD|
HS transmit differential voltage
140
200
270
mV
VCMTX
HS transmit static common mode voltage
150
200
250
mV
Low-Power Transceiver (LP-TX)
(1)
This global value may be overridden on a per interface basis if another value is explicitly defined for that interface (for example, I2C).
(2)
With 100
μA sink / source current at vddsxmin.
(3)
Corresponds to peak-to-peak values: minimum = 140 mVpp; nominal = 200 mVpp; maximum = 400 mVpp.
Copyright © 2008–2013, Texas Instruments Incorporated
ELECTRICAL CHARACTERISTICS
125
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com