Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 128 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 124Page - Texas Instruments OMAP3530ECBB Datasheet HTML 125Page - Texas Instruments OMAP3530ECBB Datasheet HTML 126Page - Texas Instruments OMAP3530ECBB Datasheet HTML 127Page - Texas Instruments OMAP3530ECBB Datasheet HTML 128Page - Texas Instruments OMAP3530ECBB Datasheet HTML 129Page - Texas Instruments OMAP3530ECBB Datasheet HTML 130Page - Texas Instruments OMAP3530ECBB Datasheet HTML 131Page - Texas Instruments OMAP3530ECBB Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
3.5
Core Voltage Decoupling
For module performance, decoupling capacitors are required to suppress the switching noise generated
by high frequency and to stabilize the supply voltage. A decoupling capacitor is most effective when it is
close to the device because this minimizes the inductance of the circuit board wiring and interconnects.
Table 3-5 summarizes the power supplies decoupling characteristics.
Table 3-5. Core Voltage Decoupling Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Cvdd_mpu _iva (1)
50
100
120
nF
Cvdd_core(1)
50
100
120
nF
Cvdds_sram
100
nF
Ccap_vdd_sram_mpu _iva
0.7
1.0
1.3
μF
Ccap_vdd_sram_core
0.7
1.0
1.3
μF
Ccap_vdd_wkup
0.7
1.0
1.3
μF
Cvdds_wkup_bg
100
nF
Cvdds_dpll_dll
100
nF
Cvdds_dpll_per
100
nF
Cvdda_dac
100
nF
Ccap_vdd_d
100
200
nF
Cvdds_mmc1
100
nF
Cvdds_mmc1a
100
nF
Cvdds
100
nF
Cvdds_mem
100
nF
(1)
1 capacitor per 2 to 4 balls
128
ELECTRICAL CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com