Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 127 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 123Page - Texas Instruments OMAP3530ECBB Datasheet HTML 124Page - Texas Instruments OMAP3530ECBB Datasheet HTML 125Page - Texas Instruments OMAP3530ECBB Datasheet HTML 126Page - Texas Instruments OMAP3530ECBB Datasheet HTML 127Page - Texas Instruments OMAP3530ECBB Datasheet HTML 128Page - Texas Instruments OMAP3530ECBB Datasheet HTML 129Page - Texas Instruments OMAP3530ECBB Datasheet HTML 130Page - Texas Instruments OMAP3530ECBB Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 3-4. DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
TOF
Output fall time from VIHmin to VILmax with a
Fast mode
20 + 0.1CB
250
ns
bus capacitance CB from 10 pF to 400 pF
Standard mode
250
Output fall time with a capacitive load from 10 High-speed mode
10
40
pF to 100 pF at 3-mA sink current
Output fall time with a capacitive load of 400
20
80
pF at 3-mA sink current
Output fall time with a capacitive load of 40
20
pF (for CBUS compatibility)
LVCMOS Open-Drain Pin Buffers Dedicated in GPIO mode - CBB: AF15, AE15, AF14, AG14, AD26, AE26 / CBC: C2, C1, AB4, AC4,
AD15, W16, A21, C21/ CUS: AC15, AC14, AC13, AC12, Y16, Y15
VIH
High-level input voltage
0.7 x vdds
vdds + 0.5
V
VIL
Low-level input voltage
- 0.5
0.3 x vdds
V
VOH
High-level output voltage at 4-mA sink current
vdds - 0.45
V
VOL
Low-level output voltage at 4-mA sink current
0.45
V
Copyright © 2008–2013, Texas Instruments Incorporated
ELECTRICAL CHARACTERISTICS
127
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com