Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 67 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 67 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
67/140
●Temperature Measurement Function
ML7396 family has temeperature measurement function. This temperature information can be from A_MON pin (#24) as
analog output or digital information using [TEMP_MON:B0 0x79] register. Analog or digital can be switched by
[RSSI/TEMP_OUT:B1 0x03] register.
Notes:
1) Please do not set TEMP_OUT ([RSSI/TEMP_OUT:B1 0x03(4)]) and TEMP_ADC_OUT ([RSSI/TEMP_OUT:B1
0x03(5)]) at the same time. Correct value reading may not be guaranteed.
2) When TEMP_ADC_OUT is set, packet data is not able to receive normally.
[Analog output]
ML7396 family has current source circuits and its current flow through 75kΩ to A_MON pin (#24). From voltage information,
temperature information can be obtained.
Current from currwnt source circuits are 10μA at 25˚C. Following formula can be used to calculate temperature from the
current.
Itemp = (273+ Temp) / (273+25) * 10 (μA)
Therefore, if 75kΩ resister is connected, temprature can be calculated usng following formula.
Vamon = (273+ Temp) / (275+25) * 10E-6 * 75000
If temprature is -40˚C to +85˚C, Vamon will be 0.59V to 0.9V.
Therefore temperature can be calculated from voltage using following formula.
Temp = Vamon * 397.3 - 273
[Digital output]
Digital temperature information is using 6bits ADC to convert from the above analog information. Internally, 4samples
information are added and indicates as 8bits information in [TEMP_MON:B0 0x79] register. Ignorimg low 2 bits, upper 6bits
are used for average temperature information.
Temperature information is updated every 17.8μs. (if 2MHz is selected in [ADC_CLK_SET:B0 0x08] register, it is updated
every 16 μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com