Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
21/140
BANK0 (continued)
Bit
Address
Symbol
(# test register)
7
6
5
4
3
2
1
0
Description
0x38
RX_ALARM_HL
RX FIFO empty level setting
0x39
PREAMBLE_SET
Preamble pattern setting
0x3a
SFD1_SET1
SFD pattern #1 1st byte setting (max 4byte)
0x3b
SFD1_SET2
SFD pattern #1 2nd byte setting (max 4byte)
0x3c
SFD1_SET3
SFD pattern #1 3rd byte setting (max 4byte)
0x3d
SFD1_SET4
SFD pattern #1 4th byte setting (max 4byte)
0x3e
SFD1_SET1
SFD pattern #2 1st byte setting (max 4byte
0x3f
SFD2_SET2
SFD pattern #2 2nd byte setting (max 4byte)
0x40
SFD2_SET3
SFD pattern #2 3rd byte setting (max 4byte)
0x41
SFD2_SET4
SFD pattern #2 4th byte setting (max 4byte)
0x42
TX_PR_LEN
TX preamble length setting
0x43
RX_PR_LEN/SFD_LEN
RX preamble setting and SFD length setting
0x44
SYNC_CONDITION
Bit error tolerance setting in RX preamble and SFD detection
0x45
PACKET_MODE_SET
Packet configuration
0x46
FEC/CRC_SET
FEC and CRC configuration
0x47
DATA_SET
Data configuration
0x48
CH0_FL
Channel #0 frequency (F-counter) setting (low byte)
0x49
CH0_FM
Channel #0 frequency (F-counter) setting (middle byte)
0x4a
CH0_FH
Channel #0 frequency (F-counter) setting (high 4bits)
0x4b
CH0_NA
Channel #0 frequency (N-counter and A-counter) setting
0x4c
CH_SPACE_L
Channel space setting (low byte)
0x4d
CH_SPACE_H
Channel space setting (high byte)
0x4e
F_DEV_L
GFSK frequency deviation setting (low byte )
0x4f
F_DEV_H
GFSK frequency deviation setting (high byte)
0x50
ACK_TIMER_L
Ack timer setting (low byte)
0x51
ACK_TIMER_H
Ack timer setting (high byte)
0x52
ACK_TIMER_EN
Ack timer control setting
0x53
ACK_FRAME1
Ack Frame Control Field (2bytes) setting (low byte)
0x54
ACK_FRAME2
Ack Frame Control Field (2bytes) setting (high byte)
0x55
AUTO_ACK_SET
Auto_Ack function setting
0x56-x58
Reserved
Reserved
0x59
GFIL00 / FSK_FDEV1
Gaussian filter coefficient setting 1 / FSK 1st frequency deviation setting
0x5a
GFIL01 / FSK_FDEV2
Gaussian filter coefficient setting 2 / FSK 2nd frequency deviation setting
0x5b
GFIL02 / FSK_FDEV3
Gaussian filter coefficient setting 3 / FSK 3rd frequency deviation setting
0x5c
GFIL03 / FSK_FDEV4
Gaussian filter coefficient setting 4 / FSK 4th frequency deviation setting
0x5d
GFIL04
Gaussian filter coefficient setting 5
0x5e
GFIL05
Gaussian filter coefficient setting 6
0x5f
GFIL06
Gaussian filter coefficient setting 7
0x60
GFIL07
Gaussian filter coefficient setting 8
0x61
GFIL08
Gaussian filter coefficient setting 9
0x62
GFIL09
Gaussian filter coefficient setting 10
0x63
GFIL10
Gaussian filter coefficient setting 11
0x64
GFIL11
Gaussian filter coefficient setting 12
0x65
FSK_TIME1
FSK 3rd frequency deviation (FDEV3) hold time setting
0x66
FSK_TIME2
FSK 2nd frequency deviation (FDEV2) hold time setting
0x67
FSK_TIME3
FSK 1st frequency deviation (FDEV1) hold time setting
0x68
FSK_TIME4
FSK no-deviation frequency (carrier frequency) hold time setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com