Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML7396AE Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
2/140
• Supply voltage:
1.8 to 3.6V (TX power 1mW mode)
2.3 to 3.6V (TX power 10mW mode)
2.6 to 3.6V (TX power 20mW mode)
• Operating temperature:
-40 to +85 ˚C
• Current consumption (920MHz)
Sleep mode
0.6 μA (Typ.) (registor value retention)
Idle mode
1.4mA (Typ.)
TX
20mW
32 mA (Typ.)
10mW
24 mA (Typ.)
1mW
13 mA (Typ.)
RX
15 mA (Typ.) (@100kbps)
• Package
40 pin WQFN
P-WQFN40-0606-0.50
Pb free, RoHS compliant
■Description Convention
1) Numbers description
‘0xnn’ indicates hexa decimal. ‘0bnn’ indicates binary.
Example: 0x11= 17(decimal), 0b11= 3(decimal)
2) Registers description
[<register name>: B<Bank No> <register address>] register
Example: [CLK_SET:B0 0x02] register
Register name: CLK_SET
Bank No: 0
Register address: 0x02
3) Bir name description
<bit name> ([<register name>: B<Bank No> <register address>(<bit location>)])
Example: RATE[2:0] ([DATA_SET:B0 0x47(2-0)])
Bit name: RATE[2:0]
Register name: DATA_SET
Bank No: 0
Register address: 0x47
Bit location: bit2 to bit0
4) In this document
“TX” stands for transmittion.
“RX” stands for reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com