Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 80 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 80 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
80/140
●Programming narrow band option setting
By setting NBO_SEL ([DATA_SET:B0 0x47(7)]) = 0b1, narrow bandwidth mode can be selected. The narrow band mode is
applying 200 kHz channel spacing instead of 400 kHz defined in IEEE802.15.4g standard. When selecting the narrow
bandwidth mode, below registers should be changed to narrow RX bandpass filter bandwidth.
[Bank0]
[IF_FREQ_AFC_H:B0 0x30] register
[IF_FREQ_AFC_L:B0 0x31] register
[BPF_AFC_ADJ_H:B0 0x32] register
[BPF_AFC_ADJ_L:B0 0x33] register
[Bank1]
[PLL_CFP_ADJ:B1 0x09] register
[IF_FREQ_H:B1 0x0A] register
[IF_FREQ_L:B1 0x0B] register
[IF_FREQ_CCA_H:B1 0x0C] register
[IF_FREQ_CCA_L:B1 0x0D] register
[BPF_ADJ_H:B1 0x0E] register
[BPF_ADJ_L:B1 0x0F] register
[BPF_CCA_ADJ_H:B1 0x10] register
[BPF_CCA_ADJ_L:B1 0x11] register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com