Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 74 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 74 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
74/140
●Programming IF Frequency
In order to support various data rate , RX filters have to be optimised. The RX filter can be selected according to the IF
frequency. IF frequency can be set by using [IF_FREQ_H: B1 0x0A] and [IF_FREQ_L: B1 0x0B] registers. (default:
178.22kHz) According to the RATE[2:0] ([DATA_SET:B0 0x47(2-0)]) setting and NBO_SEL([DATA_SET:B0 0x47(7)])
setting, IF frequency will be multiplied automatically as following table.
Data rate
NBO_SEL
50kbps
100kbps
150kbps
200kbps
400kbps
0b0
x2
x4
x4
x6
x6
0b1
x2
x2
-
x4
-
IF frequency value should be set as the multiplied IF frequency corresponding to each data rate becomes the values described
in the following table.
Data rate
NBO_SEL
50kbps
100kbps
150kbps
200kbps
400kbps
0b0
500kHz
720kHz
900kHz
1300kHz
2100kHz
0b1
500kHz
720kHz
-
1300kHz
-
[Notes]
1.
NBO_SEL=0b1 can not be set for the data rate other than 50kbps, 100kbps and 200kbps.
2.
For 10kbps, 20kbps, 40kbps setting, please refer to the "Initial register setting" file .
If AFC is used, IF frequency setting in [IF _FREQ_AFC_H: B0 0x30] and [IF_FREQ_AFC_L: B0 0x31] registers will be used.
IF frequency setting for AFC operation is same as normal operation.
If CCA is used to detect channel carrier power, required RX filter bandwidth may be different. [IF _FREQ_CCA_H: B1 0x0C]
and [IF_FREQ_CCA_L: B1 0x57] registers must be used for CCA purpose. During CCA operation IF frequency calculation
becomes as below.
Data rate
NBO_SEL
50kbps
100kbps
150kbps
200kbps
400kbps
0b0
x2
x6
x8
x8
x8
0b1
x2
x2
-
x6
-
IF frequency value for CCA operation should be set as the multiplied IF frequency corresponding to each data rate becomes
the values described in the following table.
Data rate
NBO_SEL
50kbps
100kbps
150kbps
200kbps
400kbps
0b0
500kHz
1500kHz
1450kHz
2000kHz
2100kHz
0b1
500kHz
720kHz
-
1500kHz
-
[Notes]
1.
NBO_SEL=0b1 can not be set for the data rate other than 50kbps, 100kbps and 200kbps.
2.
For 10kbps, 20kbps, 40kbps setting, please refer to the "Initial register setting" file..
IF frequency setting value can be calculated using the following formula.
IF_FREQ = {fIF / fREF} * 2
20 (Integr part) [note: using 20bit circuit]
Here
IF_FREQ : IF frequency setting
fIF
: IF frequency [MHz]
fREF
: PLL reference frequency (input clock=36MHz)
[Example] When set IF frequency is 178.22kHz, the calculation are as follow. (fREF = 36MHz)
IF_FREQ = {0.17822MHz / 36MHz} * 220 (Integer part) = 5191 (0x1447)
Therefore
[IF_FREQ_H] = 0x14
[IF_FREQ_L] = 0x47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com