Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML7396AE Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
5/140
■PIN Definitions
Symbols
IRF
: RF input
ORF
: RF output
IA
: Analog input
IOS
: Oscillator input
OOS
: Oscillator output
I
: Digital input
O
: Digital output
I/O
: Digital inout
Is
: Schmitt Trigger input
●RF and Analog pins
Pin
No
Pin name
Reset
state
I/O
Active
Level
Detail function
30
LNA_P
I
IRF
-
RF antenna input
27
PA_OUT
O
ORF
-
RF antenna output
36
IND1
-
-
-
Pin for VCO inductor
37
IND2
-
-
-
Pin for VCO inductor
33
LP1
-
-
-
Pin for PLL loop filter
38
VB_EXT
-
-
-
Pin for smoothing capacitor for internal bias
25
ATEST1
Hi-Z
ORF
-
Test pin for analog circuit.
*Left open when in normal use
26
ATEST2
Hi-Z
ORF
-
Test pin for analog circuit.
*Left open when in normal use
24
A_MON
Hi-Z
ORF
-
Analog monitor pin (*1)
[Description]
*1 Analog monitor signal can be configured by [RSSI/TEMP_OUT:B1 0x03] register, no signal assigned as default
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com