Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 49 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 49 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
49/140
IDLE determination exclusion under strong signal input
If acquired ED value exceeds [CCA_IGNORE_LVL: B0 0x12] register, IDLE dertermination is not performed as lon as a
given ED value is included in the averaging target range. If average ED value including this strong ED value indicated in
[ED_RSLT: B0 0x16] register exceeds the CCA threshold value defined by [CCA_LEVEL: B0 0x13] register, it is
considered as ”BUSY”. And CCA_RSLT[1:0]([CCA_CTRL: B0 0x15(1-0)])=0b01 is set.
If average ED value is smaller than CCA threshold value, IDLE determination is not performed and CCA_RSLT[1:0]
indicates 0b11 ”CCA evaluation on-going (ED value excluding CCA judgement acquisition)”. CCA will continue until
“IDLE” or “BUSY” determination (in case of IDLE detection mode, “IDLE2 is determined. In case of continuous mode,
CCA_LOOP_STOP([CCA_CTRL: B0 0x15(6)]) is issued.)
[Note]
CCA completion interrupt (INT[08] group2) is generated only when “IDLE” or “BUSY” is determined. Therefore, if data
whose ED value exceeds IGNORE_LV[7:0] ([CCA_IGNORE_LEVEL:B0 0x12(7-0)]) are input intermittently, neither
“IDLE” or “BUSY” can be determined and CCA may continues.
[ED value acquisition under extrem strong signal]
ED value >CCA_IGNORE_LVL
E
(
D value
analog)
IGNORE_LV[7:0]
[CCA_IGNORE_LEVEL: B0 0x12]
ED value
Shift register
(ED value 8 times
average)
[Time 1]
[Time2]
[Time 3]
[Time 8]
[Time 9]
Averaging target includes ED
value exceeding
IGNORE_LV[7:0]. In this case,
“IDLE” is not determined.
However, if averaging value
exceeds CCA threshold, “BUSY”
is determined.
●
●
●
ED value, which includes IGNORE_LV[7:0], is
out of averaging target. In this case, “IDLE” can
be determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com