Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML7396AE Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
4/140
■PIN Configuration
40 Pin WQFN
30
29
28
27
26
25
24
23
22
21
N.C.
31
20
ANT_SW
VDD_RF
32
19
TEST
LP1
33
18
VDDIO
VDD_CP
34
17
DMON
LP2
35
16
DCLK
IND1
36
15
DIO
IND2
37
14
VDDIO
VB_EXT
38
13
SDI
VDD_VCO
39
12
SCEN
VDD_REG
40
11
SCLK
12
345
67
89
10
裏面
PKG GND
(T.B.D.)
裏面
PKG GND
GND PAD
NOTE) GND pad in the middle of the IC is reverse side (name: GND PAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com