Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 38 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 38 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
38/140
●
Diversity Function
ML7396 family supports two antenna diversity function.
While setting 2DIV_EN ([2DIV_CNTRL: B0 0x71(0)])=0b1, as soon as RX_ON is set, diversity mode will start. When
diversity mode is started, and upon RX data detection, each ED value will be acquired by switching two antennas. And then
antenna with higher ED value will be selected automatically. As diversity uses preamble data for ED value acquisition, longer
preamble length is desirable. If preamble is too short, accurate ED values may not be obtained.
The timing example is as below.
RX packet
Preamble
Length
Data
SFD
ED values and antenna diversity result will be cleared when as below:
1. Diversity search completion interrupt (INT[09] group2) is cleard.
2. FIFO* RX competion interrupt (INT[18] or INT[19] group3) is cleared
3. Diversity resume by errounous detection
ED values and diversity result should be read before clearing Diversity search completion or FIFO* RX completion interrupt.
During receiving state, clearing Diversity search completion interrupt causes the data error since diversity operation wlll
resume by the interrupt clearance. Diverstiy search completion interrupt should be cleared at same timing of FIFO* RX
completion interrupt clearance.
ML7396 supports recovering function from incorrect diversity completion caused by errornous detection due to thermal noize,
After dicersity search completion, if preamble can not be detected until antenna search timer expiration, ML7396 judges the
previous diversity search completion is incorrect and resume diversity operation automatically.
When resume diversity operation for next packet receiving, please clear RX completion interrupt and Diversity search
completion interrupt.
(Note)
1.
When an incorrect diversity completion caused by errornous detection due to thermal noize, ML7396 resume antenna
diversity automatically. But when receiving a desired signal during the process of errounous detection, ED value
obtained by [ANT1_ED:B0 0x73] or [ANT2_ED:B0 0x74] may indicate a low value different from the actual input
level.
If this event occures, the actual ED value of desired signal can be achibed by reading [ED_RSLT:B0 0x16] registers after
SFD detection interrupt (INT[11] group2) generation.
2.
When RF state is changed to TX_ON state immediately after an incorrect diversity completion caused by errornous
detection, ML7396 judges Diversity search is done. Then, Diversity search is not operated at next receiving. In this case,
please clear Diversity search completion interrupt (INT[09] group2) by next receiving.
RF STATE
Antenna
ANT1 ED
search period
Antenna
selection
SEARCH_TIME[6:0]
([2DIV_SEARCH: B0 0x6F(6-0)])
TRX_OFF
RX_ON
Receive
ANT1/ANT2 search
is repeated
INT[09] (Diversity search completion)
[INT_SOURCE_GRP2: B0 0x25]
ANT1/2
ANT2
Antenna with higher ED
ANT1
ANT2 ED
stabilization
search period
period
RSSI_STABLE[3:0]
([RSSI_STABLE_TIME: B0 0x22(3-0)])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com