Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
13/140
●RF characteristics
Data Rate
:
10kbps/ 20kbps/ 40kbps/ 50kbps/100kbps/ 150kbps/200kbps/ 400kbps
Modulation scheme
:
GFSK
Channel spacing
:
200kHz/400kHz/600kHz
Frequency
:
Support 750MHz to 1GHz by changing L/C components between IND1 and IND2 pins
Others
:
Definition point is a antenna connector in the reference circuit.
RF characteristics out of below table include 400kbps (option) are available as reference data
separately.
[TX]
Item
Condition
Min
Typ
Max
Unit
20mW (13dBm) mode
9
13
15
dBm
10mW (10dBm) mode
6
10
12
dBm
TX Power
1mW (0dBm) mode
-4
0
2
dBm
Frequency deviation setting
range [Fdev] (*1)
-
-
2,250
kHz
920MHz band (920.5MHz to 928.1MHz)
Occupied bandwidth
n : number of channel
-
-
200 * n
kHz
20mW mode (920.5MHz to 922.3MHz)
-
-
-7
dBm
10mW mode
-
-
-10
dBm
Power at channel edge
1mW mode
-
-
-20
dBm
20mW mode ±1ch, bandwidth 200kHz)
-
-33
-15
dBm
10mW mode +/-1ch bandwidth: 200kHz
-
-39
-18
dBm
Adjacent Channel Power
1mW mode +/-1ch bandwidth: 200kHz
-
-47
-26
dBm
710MHz or lower, 100kHz band
-
-65
-36
dBm
Higher than 710MHz to 900MHz, 1MHz band
-
-70
-55
dBm
Higher than 900MHz to 915MHz, 100kHz band
-
-72
-55
dBm
Higher than 915MHz to 930MHz, 100kHz band
(Excluding within 200 + 100*n kHz above and
below the channel frequency, however, within
100 + 100*n kHz above and below for
920.5MHz to 922.3MHz. n is the number of
concurrently used channels)
-
-51
-36
dBm
Higher than 930MHz to 1000MHz, 100kHz
band
-
-70
-55
dBm
Higher than 1000MHz to 1215MHz, 1MHz band
-
-75
-45
dBm
Spurious emission level
(20mW mode)
Higher than 1215MHz, 1MHz band
(2nd harmonics or higher)
-
-40
-30
dBm
915MHz band (902MHz to 928MHz)
6dB bandwidth
Frequency deviation=171kHz
500
-
-
kHz
Power spectrum density
20mW mode, frequency deviation = 171kHz,
3kHz band
-
-
8
dBm
900MHz or lower
-
-65
-56
dBm
Spurious emission level
(20mW mode)
Higher than 960MHz (2nd harmonics or higher)
-
-50
-41
dBm
868MHz band (863MHz to 870MHz) (*2)
Spurious emission level
(10mW mode)
Higher than 1000MHz (2nd harmonics or
higher)
-
-35
-30
dBm
*1 While the setting range is described as above, the possible maximum value depends on the RF channel frequency to be
used. RF channel frequency ± frequency deviation should not include a multiple of 36MHz (864MHz, 900MHz, 936MHz,
and so on).
Example) For 902MHz, 2,000kHz is a possible maximum frequency deviation value.
*2 863.5MHz to 866.2MHz cannot be used. For details, refer section "Programing Channel Frequency."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com