Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 39 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 39 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
39/140
Antenna switching function
By using [2DIV_CTRL: B0 0x71], [RF_CTRL_SET: B0 0x75] registers, ML7396 can support both SPDT and DPDT
antena swith control. ANT_SW pin (#20) and TRX_SW pin ( #21) output considion for each antenna switch are explained
below.
DPDT switch
Set 2PORT_SW([2DIV_CTRL:B0 0x71(1)])=0b1, ANT_CTRL1([2DIV_CTRL: B0 0x71(5)])=0b0. ANT_SW, TRX_SW
output condition of each Idle, TX, RX state are as follow. (default setting) If INV_TRX_SW([2DIV_CTRL:B0 0x71(2)])=0b1,
polarity of ANT_SW pin (#20) and TRX_SW pin (#21) are reversed.
INV_TRX_SW=0b0
(default setting)
INV_TRX_SW=0b1
(reversed polarity)
TX/RX
state
ANT_SW
TRX_SW
ANT_SW
TRX_SW
Description
Idle
H
L
L
H
Idle state
TX
L
H
H
L
TX state
H
L
L
H
When Diversity disable or initial condition when
diversity enable is set ([2DIV_CTRL: B0
0x71(0)]=0b1).
RX
L/H
H/L
H/L
L/H
If diversity enable is set, during searching,
(ANT_SW=H, TRX_SW=L) and (ANT_SW=L,
TRX_SW=H) are switched alternatively. After
diversity completion, fix to one of the condition.
SPDT switch
Set 2PORT_SW([2DIV_CTRL:B0 0x71(1)])=0b0, ANT_CTRL1([2DIV_CTRL: B0 0x71(5)])=0b0. ANT_SW, TRX_SW
output condition of each Idle, TX, RX state are as follow. (default setting) If INV_TRX_SW([2DIV_CTRL: B0 0x71(2)])=0b1,
polarity of TRX_SW pin (#21) is reversed.
INV_TRX_SW=0b0
(default setting)
INV_TRX_SW=0b1
(polarity reverse)
TX/RX
condition
ANT_SW
TRX_SW
ANT_SW
TRX_SW
Description
Idle
L
L
L
H
Idel state
TX
L
H
L
L
TX state
L
L
L
H
When diversity disable or initial condition when
diversity enable is set ([2DIV_CTRL: B0
0x71(0)]=0b1).
RX
H/L
L
H/L
H
If diversity enable is set,during searching
(TRX_SW=H) and (TRX_SW=L) is switched
alternatively. After diversity completion , fix to
one of the condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com