Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7396AE Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML7396AE Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
FEDL7396A/B/E-07
Issue Date: Jan. 15, 2015
ML7396A/B/E
Sub GHz band short range wireless transceiver IC
■Overview
The ML7396 family (ML7396A (915MHz band), ML7396B (920MHz band), and ML7396E (868MHz band)) are ICs for
transmitting/receiving data which integrate the RF, IF, MODEM and HOST interface sections into one chip for the specified low
power radio communication. The ML7396 family is used for FCC PART15, ARIB STD-108(specified low-power radio station,
920MHz-band telemeter, telecontrol and data transmission radio equipment), ETSI EN 300 220 compliant radio station, and uses
a packet transmission function of IEEE802.15.4d and IEEE802.15.4g.
■Features
• Compliant to ARIB STD T-108 (ML7396B)
• Compliant to FCC Part15 (ML7396A)
• Compliant to ETSI EN 300-220 (ML7396E)
• High resolution modulation by using fractional-N PLL direct modulation.
• Modulation: GFSK / GMSK, FSK / MSK
(MSK is FSK transmission of modulation index: m=0.5 )
• Data rates: 10 / 20 / 40 / 50 / 100 / 150 / 200 kbps and 400 kbps (option)
• Data coding: NRZ and Manchester codes
• Programable channel filter suited to data rates
• Programmable frequency deviation function
• TX and RX data inverse function
• 36MHz oscillator circuit
• TCXO direct inputs available
• Oscillator capacitance fine tuning function
• Frequency fine tuning function (using fractional-N PLL)
• Synchronous serial peripheral interface (SPI)
• On chip TX PA (20mW/10mW/1mW selectable)
• External TX PA control function
• RSSI indicator and threshold judgement function
• AFC function
• Antenna diversity function
• Test pattern generator (PN9, CW, 01 pattern, all”1”, all“0”)
• FEC function
• CRC32 (Note: This function is not compliant to IEEE802.15.4g.)
• IEEE802.15.4d/g support
o
Two 256-byte FIFOs (TX/RX common use)
o
Max packet length 2047 byte (IEEE802.15.4g mode)
o
RX Preamble pattern detection function (Programmable between 1 to 15 byte)
o
Programmable TX preamble length (Max 255 byte)
o
SFD generation and detection function (Max 4 byte)
o
Programmable CRC function (CRC32, CRC16-IBM, CRC16, CRC8 or no-CRC)
o
Whitening function
o
Address filtering function
o
Automatic Acknowledge (Ack TX or RX) function
o
FEC function (IEEE802.15.4g mode)
Note; Interleaving mode is not compliant to IEEE802.15.4g.
1/140


Similar Part No. - ML7396AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
ML7344CE LAPIS-ML7344CE Datasheet
1Mb / 154P
Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
ML7344CJ LAPIS-ML7344CJ Datasheet
1Mb / 154P
Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7344E ETC2-ML7344E Datasheet
1Mb / 151P
Sub-GHz band short range wireless transceiver IC
More results

Similar Description - ML7396AE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
2.4 GHz Short-Range, Low-Power Transceiver
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
RF Transceiver for Short-range Wireless
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
Sub-GHz band short range wireless transceiver IC
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
Sub GHz band wireless transmitter IC
logo
LAPIS Semiconductor Co....
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
logo
NIHON DEMPA KOGYO
WFC11B0922CG NDK-WFC11B0922CG Datasheet
365Kb / 1P
For Short-range Wireless
WFD79C0925FG NDK-WFD79C0925FG_18 Datasheet
877Kb / 1P
For Short-range Wireless
WFC93B0429CL NDK-WFC93B0429CL_18 Datasheet
835Kb / 1P
For Short-range Wireless
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
For Short-range Wireless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com