Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 2Page - Cirrus Logic CS8412 Datasheet HTML 3Page - Cirrus Logic CS8412 Datasheet HTML 4Page - Cirrus Logic CS8412 Datasheet HTML 5Page - Cirrus Logic CS8412 Datasheet HTML 6Page - Cirrus Logic CS8412 Datasheet HTML 7Page - Cirrus Logic CS8412 Datasheet HTML 8Page - Cirrus Logic CS8412 Datasheet HTML 9Page - Cirrus Logic CS8412 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
CS8411 CS8412
6
DS61F1
Audio
Data
Processor
or
Micro-
controller
CS8411
VD+
21
+5V digital
7
DGND
8
RXP
RXN
11
FSYNC
SCK
SDATA
12
26
0.1
µF
24
23
MCK
14
INT
A0 - A4
D0 - D7
19
CS
RD/WR
ERF
25
Audio
Data
Processor
VA+
+5V analog
22
0.1
µF
AGND
9
10
FILT
0.047
µF
20
Receiver
Circuit
(See Appendix A)
1 k
Ω
5 k
Ω
Figure 1. CS8411 Typical Connection Diagram
or
Micro-
controller
CS8412
VD+
21
+5V digital
7
DGND
8
RXP
RXN
11
FSYNC
SCK
SDATA
12
26
0.1
µF
1
14
MCK
CBL
19
C
U
VERF
28
Audio
Data
Processor
VA+
+5V analog
22
0.1
µF
AGND
9
10
FILT
20
Receiver
Circuit
(See Appendix A)
Logic
15
CS12/FCK
13
SEL
16
ERF
25
6 C / E-F bits
Channel Status
and/or
Error/Frequency
Reporting
0.047
µF
1 k
Ω
Figure 2. CS8412 Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com