Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 5 Page - Cirrus Logic

  CS8412 Datasheet HTML 1Page - Cirrus Logic CS8412 Datasheet HTML 2Page - Cirrus Logic CS8412 Datasheet HTML 3Page - Cirrus Logic CS8412 Datasheet HTML 4Page - Cirrus Logic CS8412 Datasheet HTML 5Page - Cirrus Logic CS8412 Datasheet HTML 6Page - Cirrus Logic CS8412 Datasheet HTML 7Page - Cirrus Logic CS8412 Datasheet HTML 8Page - Cirrus Logic CS8412 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
CS8411 CS8412
DS61F1
5
SWITCHING CHARACTERISTICS - SERIAL PORTS
(TA = 25 °C for suffixes '-CP' and '-CS'; TA = -40 to 85 °C for suffixes '-IP' and '-IS';
VD+, VA+ = 5V ± 10%; Inputs: Logic 0 = DGND, logic 1 = VD+; CL = 20 pF)
6. The output word rate, OWR, refers to the frequency at which an audio sample is output from the part.
(A stereo pair is two audio samples.) Therefore, in Master mode, there are always 32 SCK periods in
one audio sample. In Slave mode, exactly 32 SCK periods per audio sample must be provided in most
serial port formats. Therefor, if SCK is 128 x Fs, then SCK must be gated to provide exactly 32 periods
per audio sample.
7. In master mode SCK and FSYNC are outputs. In Slave mode they are inputs. In the CS8411, control
reg. 2 bit 1, MSTR, selects master. In the CS8412, formats 1, 3 and 9 are slaves.
8. The table above assumes data is output on the falling edge and latched on the rising edge. With the
CS8411 the edge is selectable. The table is defined for the CS8411 with control reg. 2 bit 0, SCED, set
to one, and for the CS8412 in formats 2, 3, 5, 6 and 7. For the other formats, the table and figure edges
must be reversed (i.e.. "rising" to "falling" and vice versa).
Parameter
Symbol
Min
Typ
Max
Unit
SCK Frequency
Master Mode Notes 6, 7
Slave Mode
Note 7
fsck
OWRx32
OWRx32
128xFs
Hz
Hz
SCK falling to FSYNC delay
Master Mode Notes 7, 8
tsfdm
-20
20
ns
SCK Pulse Width Low
Slave Mode
Note 7
tsckl
40
ns
SCK Pulse Width High
Slave Mode
Note 7
tsckh
40
ns
SCK rising to FSYNC edge delay
Slave Mode
Notes 7,8
tsfds
20
ns
FSYNC edge to SCK rising setup
Slave Mode
Notes 7,8
tfss
20
ns
SCK falling (rising) to SDATA valid
Note 8
tssv
20
ns
C, U, CBL valid to FSYNC edge
CS8412
Note 8
tcuvf
1/fsck
s
MCK to FSYNC edge delay
FSYNC from RXN/RXP
tmfd
15
ns
sfds
t
ssv
t
SDATA
SCK
FSYNC
fss
t
MSB
sckh
t
ssv
t
sckl
t
SDATA
SCK
FSYNC
MSB
(Mode 1)
(Mode 3)
sfdm
t
ssv
t
cuvf
t
SDATA
SCK
FSYNC
C, U
Serial Output Timing - Slave Mode
Serial Output Timing -
Master Mode & C, U Port
FSYNC Generated From
Received Data
FSYNC
mfd
t
MCK
fss
t
sfds
t
sckh
t
sckl
t
SCK
(Modes 2,3,5,6,
7,10,12, and 13)
(Modes 0,1,4,
8,9, and 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com