Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 9Page - Cirrus Logic CS8412 Datasheet HTML 10Page - Cirrus Logic CS8412 Datasheet HTML 11Page - Cirrus Logic CS8412 Datasheet HTML 12Page - Cirrus Logic CS8412 Datasheet HTML 13Page - Cirrus Logic CS8412 Datasheet HTML 14Page - Cirrus Logic CS8412 Datasheet HTML 15Page - Cirrus Logic CS8412 Datasheet HTML 16Page - Cirrus Logic CS8412 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
CS8411 CS8412
DS61F1
13
data can be read twice or missed if the device con-
trolling FSYNC and SCK is on a different time-
base than the CS8411. If the audio data is read
twice or missed, the SLIP bit in SR1 is set. SCED
selects the SCK edge to output data on. SCED high
causes data to be output on the falling edge, and
SCED low causes data to be output on the rising
edge.
Audio Serial Port
The audio serial port outputs the audio data portion
from the received data and consists of three pins:
SCK, SDATA, and FSYNC. SCK clocks the data
out on the SDATA line. The edge that SCK uses to
output data is programmable from CR2. FSYNC
delineates the audio samples and may indicate the
particular channel, left or right. Figure 10 illus-
trates the multitude of formats that SDATA and
FSYNC can take.
Normal Modes
SCK and FSYNC can be inputs (MSTR = 0) or out-
puts (MSTR = 1), and are usually programmed as
outputs. As outputs, SCK contains 32 periods for
24 Bits, Incl. Aux
16 Clocks
16 Clocks
16 Clocks
16 Clocks
32 Clocks
32 Clocks
32 Clocks
32 Clocks
00
01
10
11
1
1
1
1
FSYNC Output
FSYNC Output
FSYNC Output
FSYNC Output
FSF
00
01
10
11
MSTR
0
0
0
0
FSYNC Input
FSYNC Input
FSYNC Input
FSYNC Input
10 (bit)
000
MSB First - 32
001
011
101
111
MSB Last
LSB Last - 16
LSB Last - 18
LSB Last - 20
210 (bit)
Name
SDF
20 Bits
LSB
MSB
LSB
MSB
LSB
LSB
LSB
MSB
LSB
MSB
LSB
LSB
MSB
LSB
MSB
MSB
LSB
MSB
LSB
MSB
16 Bits
18 Bits
20 Bits
18 Bits
16 Bits
MSB
LSB
MSB
LSB
MSB
Left Sample
Right Sample
32 Bits
32 Bits
SPECIAL MODES:
* Error flags are not accurate in these modes
MSB
LSB
MSB
LSB
MSB
16 Bits
16 Bits
MSB
MSB
MSB
LSB
LSB
MSB
MSB
MSB
LSB
LSB
Bi-Phase Mark Data
Bi-Phase Mark Data
32 Bits
32 Bits
LSB
VUCP
MSB
AUX
LSB
AUX
VUCP
MSB
AUX
210 MSTR
Name
SDF
110
0
MSB First - 24
010
0
MSB First - 16
010*
1
NRZ Data
100*
1
Bi-Phase Data
100
Async SCK
0
24 Bits, Incl. Aux
24 Bits, Incl. Aux
24 Bits, Incl. Aux
24 Bits, Incl. Aux
24 Bits, Incl. Aux
24 Bits, Incl. Aux
24 Bits, Incl. Aux
Figure 10. CS8411 Serial Port SDATA and FSYNC Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com