Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 29Page - Cirrus Logic CS8412 Datasheet HTML 30Page - Cirrus Logic CS8412 Datasheet HTML 31Page - Cirrus Logic CS8412 Datasheet HTML 32Page - Cirrus Logic CS8412 Datasheet HTML 33Page - Cirrus Logic CS8412 Datasheet HTML 34Page - Cirrus Logic CS8412 Datasheet HTML 35Page - Cirrus Logic CS8412 Datasheet HTML 36Page - Cirrus Logic CS8412 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
CS8411 CS8412
DS61F1
33
PACKAGE DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.000
0.250
0.00
6.35
A1
0.015
0.025
0.38
0.64
A2
0.125
0.195
3.18
4.95
b
0.014
0.022
0.36
0.56
b1
0.030
0.070
0.76
1.78
c
0.008
0.014
0.20
0.36
D
1.380
1.565
35.05
39.75
E
0.600
0.625
15.24
15.88
E1
0.485
0.580
12.32
14.73
e
0.090
0.110
2.29
2.79
eA
0.580
0.620
14.73
15.75
eB
0.600
0.700
15.24
17.78
eC
0.000
0.060
0.00
1.52
L
0.115
0.200
2.92
5.08
∝
0°
15°
0°
15°
28 PIN PLASTIC (PDIP) (600 MIL) PACKAGE DRAWING
E1
D
SEATING
PLANE
b1
e
b
A
L
A1
∝
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
eA
c
A2
E
eC
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com