Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 10Page - Cirrus Logic CS8412 Datasheet HTML 11Page - Cirrus Logic CS8412 Datasheet HTML 12Page - Cirrus Logic CS8412 Datasheet HTML 13Page - Cirrus Logic CS8412 Datasheet HTML 14Page - Cirrus Logic CS8412 Datasheet HTML 15Page - Cirrus Logic CS8412 Datasheet HTML 16Page - Cirrus Logic CS8412 Datasheet HTML 17Page - Cirrus Logic CS8412 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
CS8411 CS8412
14
DS61F1
each sample and FSYNC has four formats. The
first two output formats of FSYNC (shown in Fig-
ure 10) delineate each word and the identification
of the particular channel must be kept track of ex-
ternally. This may be done using the rising edge of
FLAG2 to indicate the next data word is left chan-
nel data. The last two output formats of FSYNC
also delineate each channel with the polarity of
FSYNC indicating the particular channel. The last
format has FSYNC change one SCK cycle before
the frame containing the data and may be used to
generate an I2S compatible interface.
When SCK is programmed as an input, 32 SCK cy-
cles per sample must be provided. (There are two
formats in the Special Modes section where SCK
can have 16 or 24 clocks per sample.) The four
modes where FSYNC is an input are similar to the
FSYNC output modes. The first two require a tran-
sition of FSYNC to start the sample frame, whereas
the last two are identical to the corresponding
FSYNC output modes. If the circuit generating
SCK and FSYNC is not locked to the master clock
of the CS8411, the serial port will eventually be re-
read or a sample will be missed. When this occurs,
the SLIP bit in SR1 will be set.
SDATA can take on five formats in the normal se-
rial port modes. The first format (see Figure 10),
MSB First, has the MSB aligned with the start of a
sample frame. Twenty-four audio bits are output
including the auxiliary bits. This mode is compati-
ble with many DSPs. If the auxiliary bits are used
for something other than audio data, they must be
masked off. The second format, MSB Last, outputs
data LSB first with the MSB aligned to the end of
the sample frame. This format is conducive to seri-
al arithmetic. Both of the above formats output all
audio bits from the received data. The last three for-
mats are LSB Last formats that output the most sig-
nificant 16, 18, and 20 bits respectively, with the
LSB aligned to the end of the sample frame. These
formats are used by many interpolation filters.
Special Modes
Five special modes are included for unique applica-
tions. In these modes, the master bit, MSTR, must
be defined as shown in Figure 10. In the first mode,
Asynchronous SCK, FSYNC (which is an output in
this mode) is aligned to the incoming SCK. This
mode is useful when the SCK is locked to an exter-
nal event and cannot be derived from MCK. Since
SCK is asynchronous, the number of SCK cycles
per sample frame will vary. The data output will be
MSB first, 24 bits, and aligned to the beginning of
a sample frame. The second and third special
modes are unique in that they contain 24 and 16
SCK cycles respectively per sample frame, where-
as all normal modes contain 32 SCK cycles. In
these two modes, the data is MSB first and fills the
entire frame. The fourth special mode outputs NRZ
data including the V, U, C, and P bits and the pre-
amble replaced with zeros. SCK is an output with
32 SCK cycles per sample frame. The fifth mode
outputs the biphase data recovered from the trans-
mission line with 64 SCK cycles output per sample
frame, with data changing on the rising edge.
Normally, data recovered by the CS8411 is delayed
by two frames in propagating through the part, but
in the fourth and fifth special modes, the data is de-
layed only a few bit periods before being output.
However, error codes, and the C, U and V bits fol-
low their normal pathways with a two frame delay
(so that the error code would be output with the of-
fending data in the other modes). As a result, in
special modes four and five, the error codes are
nearly two frames behind the data output on SDA-
TA.
Buffer Memory
In all buffer modes, the status, mask, and control
registers are located at addresses 0-3, and the user
data is buffered at locations 4 through 7. The paral-
lel port can access any location in the user data
buffer at any time; however, care should be taken
not to read a location when that location is being



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com