Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 28Page - Cirrus Logic CS8412 Datasheet HTML 29Page - Cirrus Logic CS8412 Datasheet HTML 30Page - Cirrus Logic CS8412 Datasheet HTML 31Page - Cirrus Logic CS8412 Datasheet HTML 32Page - Cirrus Logic CS8412 Datasheet HTML 33Page - Cirrus Logic CS8412 Datasheet HTML 34Page - Cirrus Logic CS8412 Datasheet HTML 35Page - Cirrus Logic CS8412 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
CS8411 CS8412
32
DS61F1
ORDERING GUIDE
* Although the ‘-CP’ and ‘-CS’ suffixed parts are guaranteed to operate over 0 to 70 °C, they are tested at 25 °C
only. If testing over temperature is desired, the ‘-IP’ and ‘-IS’ suffixed parts are tested over their speci-
fied temperature range.
Model
Temperature Range
Package
CS8411 - CP
0 to 70 °C*
28-Pin Plastic .6” DIP
CS8411 - IP
-40 to 85 °C
28-Pin Plastic .6” DIP
CS8411 - CS
0 to 70 °C*
28-Pin Plastic SOIC
CS8411 - IS
-40 to 85 °C
28-Pin Plastic SOIC
CS8412 - CP
0 to 70 °C*
28-Pin Plastic .6” DIP
CS8412 - IP
-40 to 85 °C
28-Pin Plastic .6” DIP
CS8412 - CS
0 to 70 °C*
28-Pin Plastic SOIC
CS8412 - IS
-40 to 85 °C
28-Pin Plastic SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com