Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 23Page - Cirrus Logic CS8412 Datasheet HTML 24Page - Cirrus Logic CS8412 Datasheet HTML 25Page - Cirrus Logic CS8412 Datasheet HTML 26Page - Cirrus Logic CS8412 Datasheet HTML 27Page - Cirrus Logic CS8412 Datasheet HTML 28Page - Cirrus Logic CS8412 Datasheet HTML 29Page - Cirrus Logic CS8412 Datasheet HTML 30Page - Cirrus Logic CS8412 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
CS8411 CS8412
DS61F1
27
Error and Frequency Reporting
When SEL is low, error and received frequency in-
formation are selected. The error information is en-
coded on pins E2, E1, and E0, and is decoded as
shown in Table 5. When an error occurs, the corre-
sponding error code is latched. Clearing is then ac-
complished by bringing SEL high for more than
eight MCK cycles. The errors have a priority asso-
ciated with their error code, with validity having
the lowest priority and no lock having the highest
priority. Since only one code can be displayed, the
error with the highest priority that occurred since
the last clearing will be selected.
Table 5. Error Decoding
The validity flag indicates that the validity bit for a
previous sample was high since the last clearing of
the error codes. The slipped sample error can only
occur when FSYNC and SCK of the audio serial
port are inputs. In this case, if FSYNC is asynchro-
nous to the received data rate, periodically a stereo
sample will be dropped or reread depending on
whether the read rate is slower or faster than the re-
ceived data rate. When this occurs, the slipped sam-
ple error code will appear on the ’E’pins. The CRC
error is updated at the beginning of a channel status
block, and is only valid when the professional for-
mat of channel status data is received. This error is
indicated when the CS8412 calculated CRC value
does not match the CRC byte of the channel status
block or when a block boundary changes (as in re-
moving samples while editing). The parity error oc-
curs when the incoming sub-frame does not have
even parity as specified by the standards. The bi-
phase coding error indicates a biphase coding vio-
lation occurred. The no lock error indicates that the
PLL is not locked onto the incoming data stream.
Lock is achieved after receiving three frame pre-
ambles then one block preamble, and is lost after
not receiving four consecutive frame preambles.
The received frequency information is encoded on
pins F2, F1, and F0, and is decoded as shown in Ta-
ble 6. The on-chip frequency comparator compares
the received clock frequency to an externally sup-
plied 6.144 MHz clock which is input on the FCK
pin. The ’F’ pins are updated three times during a
channel status block including prior to the rising
edge of CBL. CBL may be used to externally latch
the ’F’ pins. The clock on FCK must be valid for
two thirds of a block for the ’F’pins to be accurate.
Table 6. Sample Frequency Decoding
Channel Status Reporting
When SEL is high, channel status is displayed on
C0, and Ca-Ce for the channel selected by CS12. If
CS12 is low, channel status for sub-frame1 is dis-
played, and if CS12 is high, channel status for sub-
frame 2 is displayed. The contents of Ca-Ce depend
upon the C0 professional/consumer bit. The infor-
mation reported is shown in Table 7.
Table 7. Channel Status Pins
E2
E1
E0
Error
00
0
No Error
0
0
1
Validity Bit High
0
1
0
Reserved
0
1
1
Slipped Sample
1
0
0
CRC Error (PRO only)
10
1
Parity Error
1
1
0
Bi-Phase Coding Error
1
1
1
No Lock
F2
F1
F0
Sample Frequency
0
0
0
Out of Range
00
1
48 kHz ± 4%
0
1
0
44.1 kHz ± 4%
0
1
1
32 kHz ± 4%
1
0
0
48 kHz ± 400 ppm
1
0
1
44.1 kHz ± 400 ppm
1
1
0
44.056 kHz ± 400 ppm
1
1
1
32 kHz ± 400 ppm
Pin
Professional
Consumer
C0
0 (low)
1 (high)
Ca
C1
C1
Cb
EM0
C2
Cc
EM1
C3
Cd
C9
ORIG
Ce
CRCE
IGCAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com