Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 17Page - Cirrus Logic CS8412 Datasheet HTML 18Page - Cirrus Logic CS8412 Datasheet HTML 19Page - Cirrus Logic CS8412 Datasheet HTML 20Page - Cirrus Logic CS8412 Datasheet HTML 21Page - Cirrus Logic CS8412 Datasheet HTML 22Page - Cirrus Logic CS8412 Datasheet HTML 23Page - Cirrus Logic CS8412 Datasheet HTML 24Page - Cirrus Logic CS8412 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
CS8411 CS8412
DS61F1
21
FSYNC - Frame Sync, PIN 11.
Delineates the serial data and may indicate the particular channel, left or right. Also, FSYNC
may be configured as an input or output. The format is based on bits in control register 2.
SDATA - Serial Data, PIN 26.
Audio data serial output pin.
ERF - Error Flag, PIN 25.
Signals that an error has occurred while receiving the audio sample currently being read from
the serial port. The errors that cause ERF to go high are enumerated in status register 2 and
enabled by setting the corresponding bit in IEnable register 2.
A4/FCK - Address Bus Bit 4/Frequency Clock, PIN 13.
This pin has a dual function and is controlled by the FCEN bit in control register 1. A4 is the
address bus pin as defined below. When used as FCK, an internal frequency comparator
compares a 6.144 MHz clock input on this pin to the received clock frequency and stores the
value in status register 1 as three FREQ bits. These bits indicate the incoming frequency as
well as the tolerance. When defined as FCK, A4 is internally set to 0.
Parallel Interface
CS - Chip Select, PIN 24.
This input is active low and allows access to the 32 bytes of internal memory. The address bus
and RD/WR must be valid while CS is low.
RD/WR - Read/Write, PIN 23.
If RD/WR is low when CS goes active (low), the data on the data bus is written to internal
memory. If RD/WR is high when CS goes active, the data in the internal memory is placed on
the data bus.
A4-A0 - Address Bus, PINS 13, 15-18.
Parallel port address bus that selects the internal memory location to be read from or written to.
Note that A4 is the dual function pin A4/FCK as described above.
D0-D7 - Data Bus, PINS 27-28, 1-6.
Parallel port data bus used to check status, read or write control words, or read internal buffer
memory.
INT - Interrupt, PIN 14.
Open drain output that can signal the state of the internal buffer memory as well as error
information. A 5k
Ω resistor to VD+ is typically used to support logic gates. All bits affecting
INT are maskable to allow total control over the interrupt mechanism.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com