Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 8Page - Cirrus Logic CS8412 Datasheet HTML 9Page - Cirrus Logic CS8412 Datasheet HTML 10Page - Cirrus Logic CS8412 Datasheet HTML 11Page - Cirrus Logic CS8412 Datasheet HTML 12Page - Cirrus Logic CS8412 Datasheet HTML 13Page - Cirrus Logic CS8412 Datasheet HTML 14Page - Cirrus Logic CS8412 Datasheet HTML 15Page - Cirrus Logic CS8412 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
CS8411 CS8412
12
DS61F1
high. B0 and B1 select one of three buffer modes
listed in Table 2 and illustrated in Figure 5. In all
modes four bytes of user data are stored. In mode 0,
one entire block of channel status is stored. In mode
1 eight bytes of channel status and sixteen bytes of
auxiliary data are stored. In mode 2, eight bytes of
channel status from each sub-frame are stored. The
buffer modes are discussed in more detail in the
Buffer Memory section. The next bit, CS2/CS1, se-
lects the particular sub-frame of channel status to
buffer in modes 0 and 1, and has no effect in mode
2. When CS2/CS1 is low, sub-frame 1 is buffered,
and when CS2/CS1 is high, sub-frame 2 is buff-
ered. IER/SR selects which set of registers, either
IEnable or status, occupy addresses 0 and 1. When
IER/SR is low, the status registers occupy the first
two addresses, and when IER/SR is high, the IEn-
able registers occupy those addresses. FCEN en-
ables the internal frequency counter. A 6.144 MHz
clock must be connected to the FCK pin as a refer-
ence. The value of the FREQ bits in SR2 are not
valid until two thirds of a block of data is received.
Since FCK and A4, the most significant address bit,
occupy the same pin, A4 is internally set to zero
when FCEN is high. Since A4 is forced to zero, the
upper half of the buffer is not accessible while us-
ing the frequency compare feature. FPLL deter-
mines how FSYNC is derived. When FPLL is low,
FSYNC is derived from the incoming data, and
when FPLL is high, it is derived from the internal
phase-locked loop.
Control Register 2 configures the serial port which
consists of three pins: SCK, SDATA, and FSYNC.
SDATA is always an output, but SCK and FSYNC
can be configured as inputs or outputs. FSYNC and
SDATA can have a variety of relationships to each
other, and the polarity of SCK can be controlled.
The large variety of audio data formats provides an
easy interface to most DSPs and other audio pro-
cessors. SDATA is normally just audio data, but
special modes are provided that output received bi-
phase data, or received NRZ data with zeros substi-
tuted for preamble. Another special mode allows an
asynchronous SCK input to read audio data from
the serial port without slipping samples. In this
mode FSYNC and SDATA are outputs synchro-
nized to the SCK input. Since SCK is asynchronous
to the received clock, the number of SCK cycles
between FSYNC edges will vary.
ROER, when set, causes the last audio sample to be
reread if the error pin, ERF, is active. When out of
lock, the CS8411 will output zeros if ROER is set
and output random data if ROER is not set. The
conditions that activate ERF are those reported in
SR2 and enabled in IER2. Figure 10 illustrates the
modes selectable by SDF2-SDF0 and FSF1-FSF0.
MSTR, which in most applications will be set to
one, determines whether FSYNC and SCK are out-
puts (MSTR = 1) or inputs (MSTR = 0). When
FSYNC and SCK are inputs (slave mode) the audio
Figure 8. Control Register 1
CR1:
FPLL:
0 - FSYNC from RXP/RXN, 1 - FSYNC from PLL
FCEN:
enables freq. comparator (FCK must be 6.144 MHz).
IER/SR:
[X:00,01] 0 - status, 1 - interrupt enable registers.
CS2/CS1: ch. status to buffer; 0 - sub-frame 1, 1 - sub-frame 2.
B1:
with B0, selects the buffer memory mode.
B0:
with B1, selects the buffer memory mode.
RST:
Resets internal counters. Set to “1” for normal operation.
X:02
7
6
5
4
3210
CR1.
FPLL
FCEN
IER/SR
CS2/CS1
B1
B0
RST
B1
B0
Mode
Buffer Memory Contents
0
0
0
Channel Status
0
1
1
Auxiliary Data
1
0
2
Independent Channel Status
1
1
3
Reserved
Table 2. Buffer Memory Modes
Figure 9. Control Register 2
CR2:
ROER:
Repeat previous value on error (audio data)
SDF2:
with SDF0 & SDF1, select serial data format.
SDF1:
with SDF0 & SDF2, select serial data format.
SDF0:
with SDF1 & SDF2, select serial data format.
FSF1:
with FSF0, select FSYNC format.
FSF0:
with FSF1, select FSYNC format.
MSTR:
When set, SCK and FSYNC are output
SCED:
When set, falling edge of SCK outputs data.
When clear, rising edge of SCK outputs data.
X:03
76543210
CR2.
ROER
SDF2
SDF1
SDF0
FSF1
FSF0
MSTR
SCED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com