Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 4 Page - Cirrus Logic

  CS8412 Datasheet HTML 1Page - Cirrus Logic CS8412 Datasheet HTML 2Page - Cirrus Logic CS8412 Datasheet HTML 3Page - Cirrus Logic CS8412 Datasheet HTML 4Page - Cirrus Logic CS8412 Datasheet HTML 5Page - Cirrus Logic CS8412 Datasheet HTML 6Page - Cirrus Logic CS8412 Datasheet HTML 7Page - Cirrus Logic CS8412 Datasheet HTML 8Page - Cirrus Logic CS8412 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
CS8411 CS8412
4
DS61F1
DIGITAL CHARACTERISTICS - RS422 RECEIVERS (RXP, RXN pins only; VD+ = 5V ±
10%)
Notes: 4. VCM - Input Common Mode Range
5. When the receiver inputs are configured for singe ended operation (e.g. consumer configuration) the
signal amplitude must exceed 400m Vp-p for the differential voltage on RXP to RXN to exceed 200mV.
This represents twice the minimum signal level of 200 mVp-p specified in CP340/1201 and IEC-958
(which are not RS-422 compliant).
SWITCHING CHARACTERISTICS - CS8411 PARALLEL PORT (T
A = 25 °C for suf-
fixes '-CP' and '-CS'; TA = -40 to 85 °C for suffixes '-IP' and '-IS'; VD+, VA+ = 5V ± 10%; Inputs: Logic 0 = DGND,
logic 1 = VD+; CL = 20 pF)
Parameter
Symbol
Min
Typ
Max
Unit
Input Resistance
(-7V < VCM < 7V)
Note 4
ZIN
10
k
Ω
Differential Input Voltage, RXP to RXN (-7V < VCM < 7V)
Note 4,5
VTH
200
mV
Input Hysteresis
VHYST
50
mV
Parameter
Symbol
Min
Typ
Max
Unit
ADDRESS valid to CS low
tadcss
13.5
ns
CS high to ADDRESS invalid
tcsadh
0ns
RD/WR valid to CS low
trwcss
10
ns
CS low to RD/WR invalid
tcsrwi
35
ns
CS low
tcsl
35
ns
DATA valid to CS rising
RD/WR low (writing)
tdcssw
32
ns
CS high to DATA invalid
RD/WR low (writing)
tcsdhw
0ns
CS falling to DATA valid
RD/WR high (reading)
tcsddr
35
ns
CS rising to DATA Hi-Z
RD/WR high (reading)
tcsdhr
5ns
A4 - A0
D7 - D0
RD/WR
Writing
Reading
adcss
t
csddr
t
csl
t
dcssw
t
csdhw
t
csdhr
t
csadh
t
CS
D7 - D0
RD/WR
csrwi
t
rwcss
t
CS8411 Parallel Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com