Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 3Page - Cirrus Logic CS8412 Datasheet HTML 4Page - Cirrus Logic CS8412 Datasheet HTML 5Page - Cirrus Logic CS8412 Datasheet HTML 6Page - Cirrus Logic CS8412 Datasheet HTML 7Page - Cirrus Logic CS8412 Datasheet HTML 8Page - Cirrus Logic CS8412 Datasheet HTML 9Page - Cirrus Logic CS8412 Datasheet HTML 10Page - Cirrus Logic CS8412 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
CS8411 CS8412
DS61F1
7
GENERAL DESCRIPTION
The CS8411/12 are monolithic CMOS circuits that
receive and decode audio and digital data accord-
ing to the AES/EBU, IEC958, S/PDIF, and EIAJ
CP-340 interface standards. Both chips contain
RS422 line receivers and Phase-Locked Loops
(PLL) that recover the clock and synchronization
signals, and de-multiplex the audio and digital data.
The CS8411 contains a configurable internal buffer
memory, read via a parallel port, which can buffer
channel status, user, and optionally auxiliary data.
The CS8412 de-multiplexes the channel status, us-
er, and validity information directly to serial output
pins with dedicated pins for the most important
channel status bits. Both chips also contain exten-
sive error reporting as well as incoming sample fre-
quency indication for auto-set applications.
Familiarity with the AES/EBU and IEC958 speci-
fications are assumed throughout this document.
The App Note, Overview of Digital Audio Inter-
face Data Structures, contains information on digi-
tal audio specifications; however, it is not meant to
be a complete reference. To guarantee compliance,
the proper standards documents should be ob-
tained. The AES/EBU standard, AES3-1985,
should be obtained from the Audio Engineering
Society or ANSI (ANSI document # ANSI S4.40-
1985); the IEC958 standard from the International
Electrotechnical Commission; and the EIAJ CP-
340 standard from the Japanese Electronics Bu-
reau.
Line Receiver
The RS422 line receiver can decode differential as
well as single ended inputs. The receiver consists
of a differential input Schmitt trigger with 50 mV
of hysteresis. The hysteresis prevents noisy signals
from corrupting the phase detector. Appendix A
contains more information on how to configure the
line receivers for differential and single ended sig-
nals.
Clocks and Jitter Attenuation
The primary function of these chips is to recover
audio data and low jitter clocks from a digital audio
transmission line. The clocks that can be generated
are MCK (256 × FS), SCK (64 × FS), and FSYNC
(FS or 2 × FS). MCK is the output of the voltage
controlled oscillator which is a component of the
PLL. The PLL consists of phase and frequency de-
tectors, a second-order loop filter, and a voltage
controlled oscillator. All components of the PLL
are on chip with the exception of a resistor and ca-
pacitor used in the loop filter. This filter is connect-
ed between the FILT pin and AGND. The closed-
loop transfer function, which specifies the PLL's
jitter attenuation characteristics, is shown in Figure
3. Since most data jitter introduced by the transmis-
sion line is high in frequency, it will be strongly at-
tenuated.
Multiple frequency detectors are used to minimize
the time it takes the PLL to lock to the incoming
data stream and to prevent false lock conditions.
When the PLL is not locked to the incoming data
stream, the frequency detectors pull the VCO fre-
quency within the lock range of the PLL. When no
digital audio data is present, the VCO frequency is
pulled to its minimum value.
As a master, SCK is always MCK divided by four,
producing a frequency of 64 × FS. In the CS8411,
FSYNC can be programmed to be a divided version
of MCK or it can be generated directly from the in-
coming data stream. In the CS8412, FSYNC is al-
ways generated from the incoming data stream.
When FSYNC is generated from the data, its edges
are extracted at times when intersymbol interfer-
ence is at a minimum. This provides a sample fre-
quency clock that is as spectrally pure as the digital
audio source clock for moderate length transmis-
sion lines. For long transmission lines, the CS8411
can be programmed to generate FSYNC from
MCK instead of from the incoming data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com