Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8412 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS8412
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8412 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS8412 Datasheet HTML 27Page - Cirrus Logic CS8412 Datasheet HTML 28Page - Cirrus Logic CS8412 Datasheet HTML 29Page - Cirrus Logic CS8412 Datasheet HTML 30Page - Cirrus Logic CS8412 Datasheet HTML 31Page - Cirrus Logic CS8412 Datasheet HTML 32Page - Cirrus Logic CS8412 Datasheet HTML 33Page - Cirrus Logic CS8412 Datasheet HTML 34Page - Cirrus Logic CS8412 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
CS8411 CS8412
DS61F1
31
FCK - Frequency Clock, PIN 13.
Frequency Clock input that is enabled by bringing SEL low. FCK is compared to the received
clock frequency with the value displayed on F2 through F0. Nominal input value is 6.144 MHz.
E0, E1, E2 - Error Condition, PINS 4-6.
Encoded error information that is enabled by bringing SEL low. The error codes are prioritized
and latched so that the error code displayed is the highest level of error since the last clearing
of the error pins. Clearing is accomplished by bringing SEL high for more than 8 MCK cycles.
F0, F1, F2 - Frequency Reporting Bits, PINS 2-3, 27.
Encoded sample frequency information that is enabled by bringing SEL low. A proper clock on
FCK must be input for at least two thirds of a channel status block for these pins to be valid.
They are updated three times per block, starting at the block boundary.
ERF - Error Flag, PIN 25.
Signals that an error has occurred while receiving the audio sample currently being read from
the serial port. Three errors cause ERF to go high: a parity or biphase coding violation during
the current sample, or an out of lock PLL receiver.
Receiver Interface
RXP, RXN - Differential Line Receivers, PINS 9, 10.
RS422 compatible line receivers.
Phase Locked Loop
MCK - Master Clock, PIN 19.
Low jitter clock output of 256 times the received sample frequency.
FILT - Filter, PIN 20.
An external 1 k
Ω resistor and 0.047 µF capacitor is required from FILT pin to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com