Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 119Page - STMicroelectronics ST72774 Datasheet HTML 120Page - STMicroelectronics ST72774 Datasheet HTML 121Page - STMicroelectronics ST72774 Datasheet HTML 122Page - STMicroelectronics ST72774 Datasheet HTML 123Page - STMicroelectronics ST72774 Datasheet HTML 124Page - STMicroelectronics ST72774 Datasheet HTML 125Page - STMicroelectronics ST72774 Datasheet HTML 126Page - STMicroelectronics ST72774 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 144 page
background image
ST72774/ST727754/ST72734
123/144
4.10 8-BIT A/D CONVERTER (ADC)
4.10.1 Introduction
The on-chip Analog to Digital Converter (ADC)
peripheral is a 8-bit, successive approximation
converter with internal sample and hold circuitry.
This peripheral has up to 16 multiplexed analog
input channels (refer to device pin out description)
that allow the peripheral to convert the analog
voltage levels from up to 16 different sources.
The result of the conversion is stored in a 8-bit
Data Register. The A/D converter is controlled
through a Control/Status Register.
4.10.2 Main Features
s
8-bit conversion
s
Up to 16 channels with multiplexed input
s
Linear successive approximation
s
Data register (DR) which contains the results
s
Conversion complete status flag
s
On/off bit (to reduce consumption)
The block diagram is shown in Figure 76.
4.10.3 Functional Description
4.10.3.1 Analog Power Supply
VDDA and VSSA are the high and low level
reference voltage pins. In some devices (refer to
device pin out description) they are internally
connected to the VDD and VSS pins.
Conversion accuracy may therefore be impacted
by voltage drops and noise in the event of heavily
loaded or badly decoupled power supply lines.
See electrical characteristics section for more
details.
Figure 76. ADC Block Diagram
CH2
CH1
CH3
COCO
0
ADON
0
CH0
ADCCSR
AIN0
AIN1
ANALOG TO DIGITAL
CONVERTER
AINx
ANALOG
MUX
RADC
CADC
D2
D1
D3
D7
D6
D5
D4
D0
ADCDR
4
DIV 4
fADC
fCPU
HOLD CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com