Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 121Page - STMicroelectronics ST72774 Datasheet HTML 122Page - STMicroelectronics ST72774 Datasheet HTML 123Page - STMicroelectronics ST72774 Datasheet HTML 124Page - STMicroelectronics ST72774 Datasheet HTML 125Page - STMicroelectronics ST72774 Datasheet HTML 126Page - STMicroelectronics ST72774 Datasheet HTML 127Page - STMicroelectronics ST72774 Datasheet HTML 128Page - STMicroelectronics ST72774 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 144 page
background image
ST72774/ST727754/ST72734
125/144
8-BIT A/D CONVERTER (ADC) (Cont’d)
4.10.6 Register Description
CONTROL/STATUS REGISTER (CSR)
Read /Write
Reset Value: 0000 0000 (00h)
Bit 7 = COCO
Conversion Complete
This bit is set by hardware. It is cleared by software
reading the result in the DR register or writing to
the CSR register.
0: Conversion is not complete
1: Conversion can be read from the DR register
Bit 6 = Reserved.
must always be cleared.
Bit 5 = ADON
A/D Converter On
This bit is set and cleared by software.
0: A/D converter is switched off
1: A/D converter is switched on
Bit 4 = Reserved.
must always be cleared.
Bit 3:0 = CH[3:0]
Channel Selection
These bits are set and cleared by software. They
select the analog input to convert.
Note: The number of pins AND the channel selection var-
ies according to the device. Refer to the device
pinout.
DATA REGISTER (DR)
Read Only
Reset Value: 0000 0000 (00h)
Bit 7:0 = D[7:0]
Analog Converted Value
This register contains the converted analog value
in the range 00h to FFh.
Note: Reading this register reset the COCO flag.
Table 30. ADC Register Map
70
COCO
0
ADON
0
CH3
CH2
CH1
CH0
Channel Pin*
CH3
CH2
CH1
CH0
AIN0
0
0
0
0
AIN1
0
0
0
1
AIN2
0
0
1
0
AIN3
0
0
1
1
AIN4
0
1
0
0
AIN5
0
1
0
1
AIN6
0
1
1
0
AIN7
0
1
1
1
AIN8
1
0
0
0
AIN9
1
0
0
1
AIN10
1
0
1
0
AIN11
1
0
1
1
AIN12
1
1
0
0
AIN13
1
1
0
1
AIN14
1
1
1
0
AIN15
1
1
1
1
70
D7
D6
D5
D4
D3
D2
D1
D0
Address
(Hex.)
Register
Name
76
5
4
32
10
0A
ADCDR
Reset Value
D7
0
D6
0
D5
0
D4
0
D3
0
D2
0
D1
0
D0
0
0B
ADCCSR
Reset Value
COCO
0
-
0
ADON
0
-
0
CH3
0
CH2
0
CH1
0
CH0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com