Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 128Page - STMicroelectronics ST72774 Datasheet HTML 129Page - STMicroelectronics ST72774 Datasheet HTML 130Page - STMicroelectronics ST72774 Datasheet HTML 131Page - STMicroelectronics ST72774 Datasheet HTML 132Page - STMicroelectronics ST72774 Datasheet HTML 133Page - STMicroelectronics ST72774 Datasheet HTML 134Page - STMicroelectronics ST72774 Datasheet HTML 135Page - STMicroelectronics ST72774 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 144 page
background image
ST72774/ST727754/ST72734
132/144
6 ELECTRICAL CHARACTERISTICS
The ST727x4 device contains circuitry to protect
the inputs against damage due to high static
voltage or electric field. Nevertheless it is advised
to take normal precautions and to avoid applying to
this high impedance voltage circuit any voltage
higher than the maximum rated voltages. It is
recommended for proper operation that VIN and
VOUT be constrained to the range:
VSS ≤ (VIN or VOUT) ≤ VDD
To
enhance
reliability
of
operation,
it
is
recommended to connect unused inputs to an
appropriate logic voltage level such as VSS or VDD.
All the voltages in the following table, are
referenced to VSS.
Table 33
. Absolute Maximum Ratings
Symbol
Ratings
Value
Unit
VDD
Recommended Supply Voltage
-0.3 to +6.0
V
VIN
Input Voltage
VSS -0.3 to VDD + 0.3
V
VAIN
Analog Input Voltage (A/D Converter)
VSS -0.3 to VDD + 0.3
V
VOUT
Output Voltage
VSS -0.3 to VDD + 0.3
V
IIN
Input Current
-10......+10
mA
IOUT
Output Current
-10......+10
mA
IINJ
Accumulated injected current of all I/O pins (VDD,
VSS)
40
mA
TA
Operating Temperature Range
0 to +70
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Junction Temperature
150
°C
PD
Power Dissipation
TBD
mW
ESD
ESD susceptibility
2000
V
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com