Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 129Page - STMicroelectronics ST72774 Datasheet HTML 130Page - STMicroelectronics ST72774 Datasheet HTML 131Page - STMicroelectronics ST72774 Datasheet HTML 132Page - STMicroelectronics ST72774 Datasheet HTML 133Page - STMicroelectronics ST72774 Datasheet HTML 134Page - STMicroelectronics ST72774 Datasheet HTML 135Page - STMicroelectronics ST72774 Datasheet HTML 136Page - STMicroelectronics ST72774 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 144 page
background image
ST72774/ST727754/ST72734
133/144
6.1 POWER CONSIDERATIONS
The average chip-junction temperature, TJ, in
degrees Celsius, may be calculated using the
following equation:
TJ = TA + (PD x θJA) (1)
Where:
– TA is the Ambient Temperature in °C,
–
θJ
A is the Package Junction-to-Ambient Thermal
Resistance, in
°C/W,
– PD is the sum of PINT and PI/O,
– PINT is the product of IDD and VDD, expressed in
Watts. This is the Chip Internal Power
– PI/O represents the Power Dissipation on Input
and Output Pins; User Determined.
For most applications PI/O<PINT and may be
neglected. PI/O may be significant if the device is
configured to drive Darlington bases or sink LED
Loads.
An approximate relationship between PD and TJ
(if PI/O is neglected) is given by:
PD = K÷ (TJ + 273°C) (2)
Therefore:
K = PD x (TA + 273°C) + θJA x PD
2 (3)
Where:
– K is a constant for the particular part, which may
be determined from equation (3) by measuring
PD (at equilibrium) for a known TA. Using this
value of K, the values of PD and TJ may be ob-
tained by solving equations (1) and (2) iteratively
for any value of TA.
Table 34. Thermal Characteristics
Symbol
Package
Value
Unit
θJ
A
PSDIP42
95
°C/W
θJ
A
TQFP44
95
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com