Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 133Page - STMicroelectronics ST72774 Datasheet HTML 134Page - STMicroelectronics ST72774 Datasheet HTML 135Page - STMicroelectronics ST72774 Datasheet HTML 136Page - STMicroelectronics ST72774 Datasheet HTML 137Page - STMicroelectronics ST72774 Datasheet HTML 138Page - STMicroelectronics ST72774 Datasheet HTML 139Page - STMicroelectronics ST72774 Datasheet HTML 140Page - STMicroelectronics ST72774 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 144 page
background image
ST72774/ST727754/ST72734
137/144
AC/DC ELECTRICAL CHARACTERISTICS (Cont’d)
1)The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the undefined
region of the falling edge of SCL
2)The maximum hold time of the START condition has only to be met if the interface does not stretch the low period of
SCL signal
Cb = total capacitance of one bus line in pF
I2C/DDC-Bus Electrical specifications
Parameter
Symbol
Unit
Standard mode I2C
Fast mode I2C
MinMax
MinMax
Hysteresis of Schmitt trigger inputs
Fixed input levels
VDD-related input levels
VHYS
Vna
na
na
na
0.2
0,05 VDD
Pulse width of spikes which must be sup-
pressed by the input filter
TSP
ns
na
na
0 ns
50 ns
Output fall time from VIH min to VIL max with
a bus capacitance from 10 pF to 400 pF
with up to 3 mA sink current at VOL1
with up to 6 mA sink current at VOL2
TOF
ns
na
250
na
20+0.1C
b
20+0.1C
b
250
250
Input current each I/O pin with an input voltage
between 0.4V and 0.9 VDD max
I
µA
- 10
10
-10
10
Capacitance for each I/O pin
C
pF
10
10
na = not applicable
Cb = capacitance of one bus in pF
I2C/DDC-Bus Timings
Parameter
Standard I2C
Fast I2C
Symbol
Unit
Min
Max
Min
Max
Bus free time between a STOP and START con-
dition
4.7
1.3
TBUF
ms
Hold time START condition. After this period,
the first clock pulse is generated
4.0
0.6
THD:STA
µs
LOW period of the SCL clock
4.7
1.3
TLOW
µs
HIGH period of the SCL clock
4.0
0.6
THIGH
µs
Set-up time for a repeated START condition
4.7
0.6
TSU:STA
µs
Data hold time
0 (1)
0 (1)
0.9(2)
THD:DAT
ns
Data set-up time
250
100
TSU:DAT
ns
Rise time of both SDA and SCL signals
1000
20+0.1Cb
300
TR
ns
Fall time of both SDA and SCL signals
300
20+0.1Cb
300
TF
ns
Set-up time for STOP condition
4.0
0.6
TSU:STO
ns
Capacitive load for each bus line
400
400
Cb
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com