Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 135Page - STMicroelectronics ST72774 Datasheet HTML 136Page - STMicroelectronics ST72774 Datasheet HTML 137Page - STMicroelectronics ST72774 Datasheet HTML 138Page - STMicroelectronics ST72774 Datasheet HTML 139Page - STMicroelectronics ST72774 Datasheet HTML 140Page - STMicroelectronics ST72774 Datasheet HTML 141Page - STMicroelectronics ST72774 Datasheet HTML 142Page - STMicroelectronics ST72774 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 144 page
background image
ST72774/ST727754/ST72734
139/144
7 GENERAL INFORMATION
7.1 PACKAGE MECHANICAL DATA
Figure 79. 42-Pin Shrink Plastic Dual In-Line Package, 600-mil Width
Figure 80. 42-Pin Shrink Ceramic Dual In-Line Package, 600-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.08
0.200
A1
0.51
0.020
A2
3.05
3.81
4.57 0.120 0.150 0.180
b
0.46
0.56
0.018 0.022
b2
1.02
1.14
0.040 0.045
C
0.23
0.25
0.38 0.009 0.010 0.015
D
36.58 36.83 37.08 1.440 1.450 1.460
E
15.24
16.00 0.600
0.630
E1
12.70 13.72 14.48 0.500 0.540 0.570
e
1.78
0.070
eA
15.24
0.600
eB
18.54
0.730
eC
0.00
1.52 0.000
0.060
L
2.54
3.30
3.56 0.100 0.130 0.140
Number of Pins
N42
PDIP42S
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
4.01
0.158
A1
0.76
0.030
B
0.38
0.46
0.56 0.015 0.018 0.022
B1
0.76
0.89
1.02 0.030 0.035 0.040
C
0.23
0.25
0.38 0.009 0.010 0.015
D
36.68 37.34 38.00 1.444 1.470 1.496
D1
35.56
1.400
E1
14.48 14.99 15.49 0.570 0.590 0.610
e
1.78
0.070
G
14.12 14.38 14.63 0.556 0.566 0.576
G1
18.69 18.95 19.20 0.736 0.746 0.756
G2
1.14
0.045
G3
11.05 11.30 11.56 0.435 0.445 0.455
G4
15.11 15.37 15.62 0.595 0.605 0.615
L
2.92
5.08 0.115
0.200
S
0.89
0.035
Number of Pins
N42
CDIP42SW
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com