Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 136Page - STMicroelectronics ST72774 Datasheet HTML 137Page - STMicroelectronics ST72774 Datasheet HTML 138Page - STMicroelectronics ST72774 Datasheet HTML 139Page - STMicroelectronics ST72774 Datasheet HTML 140Page - STMicroelectronics ST72774 Datasheet HTML 141Page - STMicroelectronics ST72774 Datasheet HTML 142Page - STMicroelectronics ST72774 Datasheet HTML 143Page - STMicroelectronics ST72774 Datasheet HTML 144Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 141 / 144 page
background image
ST72774/ST727754/ST72734
141/144
8 ORDERING INFORMATION
The following section deals with the procedure for
transfer of customer codes to STMicroelectronics.
8.1 Transfer of Customer Code
Customer code is made up of the ROM contents
and the list of the selected mask options (if any).
The ROM contents are to be sent on diskette, or by
electronic means, with the hexadecimal file in .S19
format generated by the development tool. All
unused bytes must be set to 9Dh (opcode for
NOP).
The selected mask options are communicated to
STMicroelectronics using the correctly completed
OPTION LIST appended.
The STMicroelectronics Sales Organization will be
pleased
to
provide
detailed
information
on
contractual points.
Figure 82. Sales Type Coding Rules
Table 35. Development Tools
1 xx stands for the power supply code assigned by ST Microelectronics: EU=220V; US=110V
Development Tool
Sales Type
Remarks
Real time Emulator
ST727x4-EMU2B
EPROM Programmer Board
ST727x4-EPB/xx1
220V Power Supply EU
110V Power Supply US
Gang Programmer
ST72E774-GP/D42
ST72E774-GP/Q44
DIL42
PQFP44
ST72
T
7x4 J
7 B 1 / xxx
Family
Version Code
Subfamily (with x=subset index)
Number of pins
ROM size
Package
Temperature Range
ROM Code (three letters)
0 = 25° C
B = Plastic DIP
9 = 60K
J = 42 pins
No letter = ROM
1 = Standard (0 to +70°C)
D = Ceramic DIP
7 = 48K
S = 44 pins
E = EPROM
T = Plastic QFP
6 = 32K
T = OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com