Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 5 Page - NXP Semiconductors

  LP064V1 Datasheet HTML 1Page - NXP Semiconductors LP064V1 Datasheet HTML 2Page - NXP Semiconductors LP064V1 Datasheet HTML 3Page - NXP Semiconductors LP064V1 Datasheet HTML 4Page - NXP Semiconductors LP064V1 Datasheet HTML 5Page - NXP Semiconductors LP064V1 Datasheet HTML 6Page - NXP Semiconductors LP064V1 Datasheet HTML 7Page - NXP Semiconductors LP064V1 Datasheet HTML 8Page - NXP Semiconductors LP064V1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 5 OF 5
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
MAY 2001
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
4.
OPTICAL SPECIFICATIONS
Optical characteristics are determined after the unit has been ‘ON’ and stable for
approximately 30 minutes in a dark environment at 25°. The values specified are at
an approximate distance 50 cm from the LCD surface at a viewing angle of
Φ and θ
equal to 0
°. Appendix A presents additional information concerning the specified
characteristics.
Table 2: OPTICAL CHARACTERISTICS
Parameter
Symbol
Values
Units Notes
Min.
Typ.
Max.
Contrast Ratio
Surface Brightness, white(IBL=5.0mA)
Brightness Variation
Response Time
Rise Time
Delay Time
CIE Color Coordinates
Red
Green
Blue
White
Viewing Angle (CR>10:1)
x axis, right (
=0º)
x axis, left (
=180º)
y axis, up ( =90º)
y axis, down (
=270º)
CR
SBWH
SBV
TrR
TrD
xR
yR
xG
yG
xB
yB
xW
yW
100
-
-
-
0.557
0.322
0.254
0.522
0.114
0.092
0.292
0.289
250
150
-
20
35
0.
587
0.352
0.284
0.552
0.144
0.122
0.322
0.319
-
-
1.4
50
50
0.617
0.382
0.314
0.582
0.174
0.152
0.352
0.349
45
45
20
40
cd/m
2
msec
msec
degree,
°
1
2
3
4
4
5
5
5
5
5
5
5
5
6
Note 1:
Contrast Ratio (CR) is defined mathematically as:
(Surface Brightness with all white pixels) /
(Surface Brightness with all black pixels)
Note 2:
Surface brightness is the center of 5 points(this means number 3 in
Appendix A-1 Brightness) across the LCD surface 50 cm from the surface
with all pixels displaying white. For more information see Appendix. A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com