Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LP064V1 Datasheet HTML 11Page - NXP Semiconductors LP064V1 Datasheet HTML 12Page - NXP Semiconductors LP064V1 Datasheet HTML 13Page - NXP Semiconductors LP064V1 Datasheet HTML 14Page - NXP Semiconductors LP064V1 Datasheet HTML 15Page - NXP Semiconductors LP064V1 Datasheet HTML 16Page - NXP Semiconductors LP064V1 Datasheet HTML 17Page - NXP Semiconductors LP064V1 Datasheet HTML 18Page - NXP Semiconductors LP064V1 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 15 OF 15
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
DEZ 1999
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
12.
INTERNATIONAL STANDARDS (TBD)
12.1 Safety
UL1950 „Safety of Information Technology Equipment Including Electrical Business
Equipment. Third Edition“ Underwriters Laboratories, Inc. 1995
CAS C22.2 „Safety of Information Technology Equipment Including Electrical
Business Equipment. Third Edition“ Canadian Standards Association, 1995
EN 60950 „Safety of Information Technology Equipment Including Electrical
Business
Equipment.“
European
Committee
for
Electro
technical
Standardization(CENELEC), 1995
Ref. No. EN 60950: 1992 + A1: 1993 + A2: 1993 + A3: 1995 E
(IEC 950: 1991 + A1: 1992 + A2: 1993 + A3: 1995, modified )
12.2 EMC
ANSI C63.4 „Methods of Measurement of Radio-Noise Emissions from Low-Voltage
Electrical and Electronic Equipment in the Range of 9kHz to 40GHz.“
American National Standards Institute(ANSI),1992.
I.S P.R „Limits and Methods of Measurement of Radio Interference Characteristics
of Information Technology Equipment“.
International Special Committee on Radio Interference
EN 55 022 „Limits and Methods of Measurement of Radio Interference
Characteristics of Information Technology Equipment.“ European Committee for
Electro technical Standardization (CENELEC),1988
12.3 Designation of Lot Mark
Lot Mark
A, B,: SBU CODE (TBD)
C, D, E: MODEL CODE
F: YEAR
G: MONTH
H, I, J, K: SERIAL NO.
Note 1: YEAR
YEAR
99
2000 2001 2002 2003 2004 2005 2006 2007 2008 2009
Mark
9
0
1
2
3
4
5
6
7
8
9
K
J
I
H
G
F
E
D
C
B
A
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com