Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LP064V1 Datasheet HTML 7Page - NXP Semiconductors LP064V1 Datasheet HTML 8Page - NXP Semiconductors LP064V1 Datasheet HTML 9Page - NXP Semiconductors LP064V1 Datasheet HTML 10Page - NXP Semiconductors LP064V1 Datasheet HTML 11Page - NXP Semiconductors LP064V1 Datasheet HTML 12Page - NXP Semiconductors LP064V1 Datasheet HTML 13Page - NXP Semiconductors LP064V1 Datasheet HTML 14Page - NXP Semiconductors LP064V1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 11 OF 11
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
DEZ 1999
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
9.
POWER SEQUENCE
t1≤40msec, 0<t2≤50msec, 0<t3≤50msec, t4<1sec, 0< t5≤2 sec, 0<t6≤2sec
* Set 0 Volt Vi(t) ≤ VDD(t)
Here Vi(t), VDD(t) indicate the transitive state of Vi, VDD when power supply is
turned ON or OFF
Note 1:
Please avoid floating state of interface signal at invalid period.
Note 2:
When the interface signal is invalid, be sure to pull down the power supply
for LCD VDD to 0V.
DATA
VALID
POWER
SEQUENCE
INTERFACE SIGNAL Vi
t3
t2
t1
0.7V
4.5V
4.5V
POWER SUPPLY
VDD
for LOGIC
CCFL INVERTER INPUT
POWER
t4
t5
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com