Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LP064V1 Datasheet HTML 8Page - NXP Semiconductors LP064V1 Datasheet HTML 9Page - NXP Semiconductors LP064V1 Datasheet HTML 10Page - NXP Semiconductors LP064V1 Datasheet HTML 11Page - NXP Semiconductors LP064V1 Datasheet HTML 12Page - NXP Semiconductors LP064V1 Datasheet HTML 13Page - NXP Semiconductors LP064V1 Datasheet HTML 14Page - NXP Semiconductors LP064V1 Datasheet HTML 15Page - NXP Semiconductors LP064V1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 12 OF 12
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
DEZ 1999
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
10.
MECHANICAL CHARACTERISTICS
The chart below provides general mechanical characteristics for the model LP064V1
LCD. The surface of the LCD has an anti-glare coating to minimize reflection and a
2H hard coating to reduce scratching. In addition, the figure below is a detailed
mechanical drawing of the LCD. Note that dimension are given for reference
purposes only.
Outside dimensions
Width:
168 mm
Height:
123 mm
Thickness:
9.0 mm
Active Display area
Width:
130.56 mm
Height:
97.92 mm
Diagonal:
163.2 mm
Weight (approximate)
230 g Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com