Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LP064V1 Datasheet HTML 4Page - NXP Semiconductors LP064V1 Datasheet HTML 5Page - NXP Semiconductors LP064V1 Datasheet HTML 6Page - NXP Semiconductors LP064V1 Datasheet HTML 7Page - NXP Semiconductors LP064V1 Datasheet HTML 8Page - NXP Semiconductors LP064V1 Datasheet HTML 9Page - NXP Semiconductors LP064V1 Datasheet HTML 10Page - NXP Semiconductors LP064V1 Datasheet HTML 11Page - NXP Semiconductors LP064V1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 8 OF 8
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
MAY 2001
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
The backlight interface connector is a model BHR-03VS-1, manufactured by JST.
The mating connector part number is SM02(8.0)B-BHS-1-TB or equivalent. The pin
configuration for the connector is shown in the table below.
Table 4: BACKLIGHT CONNECTOR PIN CONFIGURATION
Pin
Symbol
Description
Notes
1
2
3
HV
NC
LV
Lamp power input
No connect
Ground
1
Note 1:
The input power terminal is colored pink.
6.
SIGNAL TIMING SPECIFICATIONS
ITEM
Symbol
Value
Units
Notes
Min.
Typ.
Max.
DCLK
Period
Width-Low
Width-High
Rise Time
Fall Time
Duty
fCLK
tWCL
tWCH
trCLK
tfCLK
D
-
7
7
7
7
0.45
(25.18)
-
-
-
-
0.5
28
-
-
-
-
0.55
Mhz
ns
ns
ns
ns
-
D=tCLKL/tCLK
Hsync
Set-up Time
Hold Time
Period
Width-Active
Rise/Fall Time
tSH
tHH
tHP
tWH
tHr,tHf
3
8
776
12
-
-
-
(800)
(96)
-
-
880
200
30
ns
ns
tCLK
tCLK
ns
for DCLK
Vsync
Set-up Time
Hold Time
Period
Width-Active
Rise/Fall Time
tSV
tHV
tVP
tWV
tVr,tVf
0
2
515
1
-
-
-
(525)
2
-
-
560
34
50
tCLK
tCLK
tHP
tHP
ns
for Hsync
DTMG
Set up Time
Hold Time
Rise/Fall Time
Horizental Back
Porch
Horizental Front
Porch
Vertical Back Porch
Vertical Front Porch
tSI
tHI
tIr,tIf
tHBP
tHFP
tVBP
tVFP
3
8
-
-
-
-
-
-
-
-
48
16
32
11
-
-
30
-
-
-
-
ns
ns
ns
tCLK
tCLK
tHP
tHP
for DCLK
DATA
Set up Time
Hold Time
Rise/Fall Time
tSD
tHD
tDr,tDf
7
14
-
-
-
-
-
-
25
ns
ns
ns
for DCLK
* Setup, Hold, Rise and Fall Times are TBD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com