Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 2 Page - NXP Semiconductors

  LP064V1 Datasheet HTML 1Page - NXP Semiconductors LP064V1 Datasheet HTML 2Page - NXP Semiconductors LP064V1 Datasheet HTML 3Page - NXP Semiconductors LP064V1 Datasheet HTML 4Page - NXP Semiconductors LP064V1 Datasheet HTML 5Page - NXP Semiconductors LP064V1 Datasheet HTML 6Page - NXP Semiconductors LP064V1 Datasheet HTML 7Page - NXP Semiconductors LP064V1 Datasheet HTML 8Page - NXP Semiconductors LP064V1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 2 OF 2
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
MAY 2001
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
1.
GENERAL DESCRIPTION
The LG.Philips LCD model LP064V1 LCD is a Color Active Matrix Liquid Crystal
Display with an integral Cold Cathode Fluorescent Tube(CCFT) back light system.
The matrix employs a-Si Thin Film Transistor as the active element. It is a
transmissive type display operating in the normally white mode. This TFT-LCD has a
6.4 inch diagonally measured active display area with VGA resolution(480 vertical by
640 horizontal pixel array). Each pixel is divided into Red, Green and Blue sub-
pixels or dots which are arranged in vertical stripes. Gray scale or the brightness of
the sub-pixel color is determined with a 6-bit gray scale signal for each dot, thus,
presenting a pallete of more than 262,144 colors. The LP064V1 LCD is intended to
support applications where low power consumption, weight and thickness are critical
factors and graphic displays are important. In combination with the vertical arrangement
of the sub-pixels, the LP064V1 characteristics provide an excellent flat panel display for
office automation products such as portable computers and measurement equipment.
Column Driver (UP)
Column Driver (DOWN)
640 x RGB x 480
TFT LCD Array
Power Supply
DC/DC
+5V
R[0:5]
G[0:5]
B[0:5]
CLK
HSYNC
VSYNC
DTMG
VSS
INVERTER
VSS
+12V
B/L
CN
General Display Characteristics
The following are general features of model LP064V1 LCD:
Active display area:
Outsize dimensions:
Pixel pitch:
Pixel format
Color depth:
Display operating mode:
Surface treatment:
6.4 inches (cm) diagonal
168W x 123H x 9.0D mm Typ.
0.204 mm * 0.204 mm
640 hor. By 480 ver. Pixels
RGB stripe arrangement
6-bit
transmissive mode, normally white
hard coating (2H),
anti-glare treatment of the front polarizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com